Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 186 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 183Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 184Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 185Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 186Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 187Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 188Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 189Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 212 page
background image
186
4109J–8051–10/06
AT8xC51SND1C
22.3
AC Characteristics
22.3.1
External Program Bus Cycles
22.3.1.1
Definition of Symbols
Table 150. External Program Bus Cycles Timing Symbol Definitions
22.3.1.2
Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 151. External Program Bus Cycle - Read AC Timings
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Signals
Conditions
A
Address
H
High
I
Instruction In
L
Low
LALE
V
Valid
PPSEN
X
No Longer Valid
ZFloating
Symbol
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
T
CLCL
Clock Period
50
50
ns
T
LHLL
ALE Pulse Width
2·T
CLCL-15
T
CLCL-15
ns
T
AVLL
Address Valid to ALE Low
T
CLCL-20
0.5·T
CLCL-20
ns
T
LLAX
Address hold after ALE Low
T
CLCL-20
0.5·T
CLCL-20
ns
T
LLIV
ALE Low to Valid Instruction
4·T
CLCL-35
2·T
CLCL-35
ns
T
PLPH
PSEN Pulse Width
3·T
CLCL-25
1.5·T
CLCL-25
ns
T
PLIV
PSEN Low to Valid Instruction
3·T
CLCL-35
1.5·T
CLCL-35
ns
T
PXIX
Instruction Hold After PSEN High
0
0
ns
T
PXIZ
Instruction Float After PSEN High
T
CLCL-10
0.5·T
CLCL-10
ns
T
AVIV
Address Valid to Valid Instruction
5·T
CLCL-35
2.5·T
CLCL-35
ns
T
PLAZ
PSEN Low to Address Float
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com