Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3953 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3953_05 Datasheet HTML 1Page - Allegro MicroSystems 3953_05 Datasheet HTML 2Page - Allegro MicroSystems 3953_05 Datasheet HTML 3Page - Allegro MicroSystems 3953_05 Datasheet HTML 4Page - Allegro MicroSystems 3953_05 Datasheet HTML 5Page - Allegro MicroSystems 3953_05 Datasheet HTML 6Page - Allegro MicroSystems 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
PWM RC Fixed Off-time
tOFF RC
CT = 680 pF, RT= 30 k
Ω, VCC = 3.3 V
18.3
20.4
22.5
µs
PWM Turn-Off Time
tPWM(OFF)
Comparator Trip to Source Off,
1.0
1.5
µs
IOUT = 25 mA
Comparator Trip to Source Off,
1.8
2.6
µs
IOUT = 1.3 A
PWM Turn-On Time
tPWM(ON)
IRC Charge On to Source On,
0.4
0.7
µs
IOUT = 25 mA
IRC Charge On to Source On,
0.55
0.85
µs
IOUT = 1.3 A
PWM Minimum On Time
tON(min)
VCC = 3.3 V, RT
≥ 12 kΩ, CT = 680 pF
0.8
1.4
1.9
µs
VCC = 5.0 V, RT
≥ 12 kΩ, CT = 470 pF
0.8
1.6
2.0
µs
Propagation Delay Times
tpd
IOUT =
±1.3 A, 50% to 90%:
ENABLE On to Source On
1.0
µs
ENABLE Off to Source Off
1.0
µs
ENABLE On to Sink On
1.0
µs
ENABLE Off to Sink Off (MODE = L)
0.8
µs
PHASE Change to Sink On
2.4
µs
PHASE Change to Sink Off
0.8
µs
PHASE Change to Source On
2.0
µs
PHASE Change to Source Off
1.7
µs
Crossover Dead Time
tCODT
1 k
Ω Load to 25 V, VBB = 50 V
0.3
1.5
3.0
µs
Maximum PWM Frequency
fPWM(max)
IOUT = 1.3 A
70
——
kHz
ELECTRICAL CHARACTERISTICS at TJ = 25˚C, VBB = 5 V to 50 V, VCC = 3.0 V to 5.5 V
(unless otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AC Timing
Continued next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com