Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3953 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3953_05 Datasheet HTML 1Page - Allegro MicroSystems 3953_05 Datasheet HTML 2Page - Allegro MicroSystems 3953_05 Datasheet HTML 3Page - Allegro MicroSystems 3953_05 Datasheet HTML 4Page - Allegro MicroSystems 3953_05 Datasheet HTML 5Page - Allegro MicroSystems 3953_05 Datasheet HTML 6Page - Allegro MicroSystems 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FULL-BRIDGE PWM MOTOR DRIVER
Note the A3953SB (DIP) and the A3953SLB
(SOIC) are electrically identical and share a
common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . . 50 V
Output Current, IOUT
(Continuous) . . . . . . . . . . . . . . ±1.3 A*
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic/Reference Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VSENSE
(VCC = 5.0 V) . . . . . . . . . . . . . . . . 1.0 V
(VCC = 3.3 V) . . . . . . . . . . . . . . . . 0.4 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . .
-20°C to +85°C
Junction Temperature, TJ . . . . . . . +150°C†
Storage Temperature Range,
TS . . . . . . . . . . . . . . .
-55°C to +150°C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150°C.
† Fault conditions that produce excessive junction
temperature will activate the device’s thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
Designed for bidirectional pulse-width modulated (PWM) current control
of inductive loads, the A3953S— is capable of continuous output currents to
±1.3 A and operating voltages to 50 V. Internal fixed off-time PWM current-
control circuitry can be used to regulate the maximum load current to a desired
value. The peak load current limit is set by the user’s selection of an input
reference voltage and external sensing resistor. The fixed off-time pulse
duration is set by a user- selected external RC timing network. Internal circuit
protection includes thermal shutdown with hysteresis, transient-suppression
diodes, and crossover current protection. Special power-up sequencing is not
required.
With the ENABLE input held low, the PHASE input controls load current
polarity by selecting the appropriate source and sink driver pair. The MODE
input determines whether the PWM current-control circuitry operates in a slow
current-decay mode (only the selected source driver switching) or in a fast
current-decay mode (selected source and sink switching). A user-selectable
blanking window prevents false triggering of the PWM current-control
circuitry. With the ENABLE input held high, all output drivers are disabled.
A sleep mode is provided to reduce power consumption.
When a logic low is applied to the BRAKE input, the braking function is
enabled. This overrides ENABLE and PHASE to turn off both source drivers
and turn on both sink drivers. The brake function can be used to dynamically
brake brush dc motors.
The A3953S— is supplied in a choice of two power packages; a 16-pin
dual-in-line plastic package with copper heat-sink tabs, and a 16-pin plastic
SOIC with copper heat-sink tabs. For both package styles, the power tab is at
ground potential and needs no electrical isolation. Each package type is
available in a lead (Pb) free version (100% matte tin plated leadframe).
FEATURES
■ ±1.3 A Continuous Output Current
■ 50 V Output Voltage Rating
■ 3 V to 5.5 V Logic Supply Voltage
■ Internal PWM Current Control
■ Saturated Sink Drivers (Below 1 A)
■ Fast and Slow Current-Decay Modes
■ Automotive Capable
■ Sleep (Low Current Con-
sumption) Mode
■ Internal Transient-
Suppression Diodes
■ Internal Thermal-
Shutdown Circuitry
■ Crossover-Current and
UVLO Protection
3953
MODE
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
LOAD
SUPPLY
Dwg. PP-056
BRAKE
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
VBB
LOGIC
ENABLE
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
*Pb-based variants are being phased out of the product line. The variants cited in this
footnote are in production but have been determined to be LAST TIME BUY. This
classification indicates that sale of this device is currently restricted to existing
customer applications. The variants should not be purchased for new design
applications because obsolescence in the near future is probable. Samples are no
longer available. Status change: October 31, 2006. Deadline for receipt of LAST TIME
BUY orders: April 27, 2007. These variants include: A3953SB, A3953SLB, and
A3953SLBTR.
Part Number
Pb-free*
R
θJA
(°C/W)
R
θJT
(°C/W)
Package
Packing
A3953SB-T
Yes
43
6
16-Pin DIP
25 per Tube
A3953SLB-T
Yes
43
6
16-Lead SOIC
47 per Tube
A3953SLBTR-T
Yes
67
6
16-Lead SOIC
1000 per reel


Similar Part No. - 3953_05

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395340502 MOLEX5-395340502 Datasheet
193Kb / 3P
5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
395340503 MOLEX5-395340503 Datasheet
193Kb / 3P
5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
395340504 MOLEX5-395340504 Datasheet
193Kb / 3P
5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
395340505 MOLEX5-395340505 Datasheet
193Kb / 3P
5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
395340506 MOLEX5-395340506 Datasheet
193Kb / 3P
5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
More results

Similar Description - 3953_05

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
Full-bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com