Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3953 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3953_05 Datasheet HTML 4Page - Allegro MicroSystems 3953_05 Datasheet HTML 5Page - Allegro MicroSystems 3953_05 Datasheet HTML 6Page - Allegro MicroSystems 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems 3953_05 Datasheet HTML 10Page - Allegro MicroSystems 3953_05 Datasheet HTML 11Page - Allegro MicroSystems 3953_05 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
LOAD CURRENT REGULATION
WITH INTERNAL PWM
CURRENT-CONTROL CIRCUITRY
When the device is operating in slow current-decay
mode, there is a limit to the lowest level that the PWM
current-control circuitry can regulate load current. The
limitation is the minimum duty cycle, which is a function of
the user-selected value of tOFF and the minimum on-time
pulse tON(min) max that occurs each time the PWM latch is
reset. If the motor is not rotating (as in the case of a
stepper motor in hold/detent mode, a brush dc motor when
stalled, or at startup), the worst case value of current
regulation can be approximated by:
where tOFF = RT x CT, RLOAD is the series resistance of the
load, VBB is the motor supply voltage and t ON(min)max is
specified in the electrical characteristics table. When the
motor is rotating, the back EMF generated will influence
the above relationship. For brush dc motor applications,
the current regulation is improved. For stepper motor
applications, when the motor is rotating, the effect is more
complex. A discussion of this subject is included in the
section on stepper motors below.
The following procedure can be used to evaluate the
worst-case slow current-decay internal PWM load current
regulation in the system:
Set VREF to 0 volts. With the load connected and the
PWM current control operating in slow current-decay
mode, use an oscilloscope to measure the time the output
is low (sink on) for the output that is chopping. This is the
typical minimum on time (tON(min) typ) for the device. The
CT then should be increased until the measured value of
tON(min) is equal to tON(min) max as specified in the electrical
characteristics table. When the new value of CT has been
set, the value of RT should be decreased so the value for
tOFF = RT x CT (with the artificially increased value of CT) is
equal to the nominal design value. The worst-case load-
current regulation then can be measured in the system
under operating conditions.
PWM of the PHASE and ENABLE Inputs. The PHASE
and ENABLE inputs can be pulse-width modulated to
regulate load current. Typical propagation delays from
the PHASE and ENABLE inputs to transitions of the
power outputs are specified in the electrical characteris-
tics table. If the internal PWM current control is used, the
comparator blanking function is active during phase and
enable transitions. This eliminates false tripping of the
over-current comparator caused by switching transients
(see “RC Blanking” above).
Enable PWM. With the MODE input low, toggling the
ENABLE input turns on and off the selected source and
sink drivers. The corresponding pair of flyback and
ground-clamp diodes conduct after the drivers are
disabled, resulting in fast current decay. When
the device is enabled the internal current-control
circuitry will be active and can be used to limit the
load current in a slow current-decay mode.
For applications that PWM the ENABLE input and
desire the internal current-limiting circuit to function in the
fast decay mode, the ENABLE input signal should be
inverted and connected to the MODE input. This prevents
the device from being switched into sleep mode when the
ENABLE input is low.
Phase PWM. Toggling the PHASE terminal selects which
sink/source pair is enabled, producing a load current that
varies with the duty cycle and remains continuous at all
times. This can have added benefits in bidirectional brush
dc servo motor applications as the transfer function
between the duty cycle on the PHASE input and the
average voltage applied to the motor is more linear than in
the case of ENABLE PWM control (which produces a
discontinuous current at low current levels). For more
information see “DC Motor Applications” below.
Synchronous Fixed-Frequency PWM. The internal
PWM current-control circuitry of multiple A3953S—
devices can be synchronized by using the simple circuit
shown in figure 3. A 555 IC can be used to generate the
reset pulse/blanking signal (t1) for the device and the
period of the PWM cycle (t2). The value of t1 should be a
minimum of 1.5 ms. When used in this configuration, the
RT and CT components should be omitted. The PHASE
and ENABLE inputs should not be PWM with this circuit
configuration due to the absence of a blanking function
synchronous with their transitions.
[(VBB – VSAT(source+sink)) x tON(min)max] – (1.05(VSAT(sink) + VF) x tOFF)
1.05 x (tON(min)max + tOFF) x RLOAD
IAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com