Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3953 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button 3953_05 Datasheet HTML 6Page - Allegro MicroSystems 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems 3953_05 Datasheet HTML 10Page - Allegro MicroSystems 3953_05 Datasheet HTML 11Page - Allegro MicroSystems 3953_05 Datasheet HTML 12Page - Allegro MicroSystems 3953_05 Datasheet HTML 13Page - Allegro MicroSystems 3953_05 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
mended) placed as close to the device as is physically
practical. To minimize the effect of system ground I x R
drops on the logic and reference input signals, the system
ground should have a low-resistance return to the motor
supply voltage.
See also “Current Sensing” and “Thermal Consider-
ations” above.
Fixed Off-Time Selection. With increasing values of tOFF,
switching losses will decrease, low-level load-current
regulation will improve, EMI will be reduced, the PWM
frequency will decrease, and ripple current will increase.
The value of tOFF can be chosen for optimization of these
parameters. For applications where audible noise is a
concern, typical values of tOFF are chosen to be in the
range of 15
µs to 35 µs.
Stepper Motor Applications. The MODE terminal can
be used to optimize the performance of the device in
microstepping/sinusoidal stepper-motor drive applications.
When the load current is increasing, slow decay mode is
used to limit the switching losses in the device and iron
losses in the motor. This also improves the maximum rate
at which the load current can increase (as compared to
fast decay) due to the slow rate of decay during tOFF.
When the load current is decreasing, fast-decay mode is
used to regulate the load current to the desired level. This
prevents tailing of the current profile caused by the back-
EMF voltage of the stepper motor.
In stepper-motor applications applying a constant
current to the load, slow-decay mode PWM is typically
used to limit the switching losses in the device and iron
losses in the motor.
DC Motor Applications. In closed-loop systems, the
speed of a dc motor can be controlled by PWM of the
PHASE or ENABLE inputs, or by varying the reference
input voltage (REF). In digital systems (microprocessor
controlled), PWM of the PHASE or ENABLE input is used
typically thus avoiding the need to generate a variable
analog voltage reference. In this case, a dc voltage on the
REF input is used typically to limit the maximum load
current.
In dc servo applications, which require accurate
positioning at low or zero speed, PWM of the PHASE
input is selected typically. This simplifies the servo control
loop because the transfer function between the duty cycle
on the PHASE input and the average voltage applied to
the motor is more linear than in the case of ENABLE
PWM control (which produces a discontinuous current at
low current levels).
With bidirectional dc servo motors, the PHASE
terminal can be used for mechanical direction control.
Similar to when braking the motor dynamically, abrupt
changes in the direction of a rotating motor produces a
current generated by the back-EMF. The current gener-
ated will depend on the mode of operation. If the internal
current control circuitry is not being used, then the maxi-
mum load current generated can be approximated by
ILOAD = (VBEMF + VBB)/RLOAD where VBEMF is proportional to
the motor’s speed. If the internal slow current-decay
control circuitry is used, then the maximum load current
generated can be approximated by ILOAD = VBEMF/RLOAD.
For both cases care must be taken to ensure that the
maximum ratings of the device are not exceeded. If the
internal fast current-decay control circuitry is used, then
the load current will regulate to a value given by:
ILOAD = VREF/RS.
CAUTION: In fast current-decay mode, when the direction
of the motor is changed abruptly, the kinetic energy stored
in the motor and load inertia will be converted into current
that charges the VBB supply bulk capacitance (power
supply output and decoupling capacitance). Care must be
taken to ensure that the capacitance is sufficient to absorb
the energy without exceeding the voltage rating of any
devices connected to the motor supply.
See also “Brake Operation” above.
Figure 4 — Typical Application
47
µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
CC
VBB
VBB
LOGIC
Dwg. EP-047-2A
V
BB
MODE
PHASE
ENABLE
BRAKE
+5 V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com