Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3953 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems 3953_05 Datasheet HTML 10Page - Allegro MicroSystems 3953_05 Datasheet HTML 11Page - Allegro MicroSystems 3953_05 Datasheet HTML 12Page - Allegro MicroSystems 3953_05 Datasheet HTML 13Page - Allegro MicroSystems 3953_05 Datasheet HTML 14Page - Allegro MicroSystems 3953_05 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
11
Soldering Considerations. The lead (Pb) free (100%
matte tin) plating on lead terminations is 100% backward-
compatible for use with traditional tin-lead solders of any
composition, at any temperature of soldering that has
been traditionally used for that tin-lead solder alloy.
Further, 100% matte tin finishes solder well with tin-lead
solders even at temperatures below 232°C. This is be-
cause the matte tin dissolves easily in the tin-lead. Addi-
tional information on soldering is available on the Allegro
Web site, www.allegromicro.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com