Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525F Datasheet(PDF) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 7 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 11Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
7-/11
PERATION DESCRIPTION
DP2525F is a high performance, multi mode, highly
integrated
Quasi
Resonant
Primary
Side
Regulation (QR-PSR) power switch. The built-in
high precision CV/CC control with high level
protection features makes it suitable for offline
small power converter applications.
System Start-Up Operation
Before the IC starts to work, it consumes only
startup current (typically 3uA) which allows a large
value startup resistor to be used to minimize the
power loss and the current flowing through the
startup resistor charges the VDD hold-up capacitor
from the high voltage DC bus. When VDD reaches
UVLO turn-on voltage of 12V (typical), DP2525F
begins switching and the IC operation current is
increased to be 0.8mA (typical). The hold-up
capacitor continues to supply VDD before the
auxiliary winding of the transformer takes the
control of VDD voltage.
Fig.1
Once DP2525F enters very low frequency FM
(Frequency Modulation) mode, the operating
current is reduced to be 500uA typically, which
helps to reduce the standby power loss.
Quasi Resonant PSR CV Modulation
(QR-CVM)
In Primary Side Regulation (PSR) control, the
output voltage is sensed on the auxiliary winding
during the transfer of transformer energy to the
secondary. Fig.2 illustrates the timing waveform of
CV sampling signal, demagnetization signal (DEM)
and quasi-resonant (QR) trigger signal in DP2525F.
When the CV sampling process is over, the internal
sample/hold (S&H) circuit captures the error signal
and amplifies it through the internal Error Amplifier
(EA). The output of EA is sent to the Quasi
Resonant PSR CV Modulator (QR-CVM) for CV
regulation. A valley is selected to trigger new PWM
cycle by the output of the QR-CVM bock, which is
determined by the load. The internal reference
voltage for EA is trimmed to 2V with high accuracy.
Fig.2
During the CV sampling process, an internal
variable current source is flowing to FB pin for
Cable Drop Compensation (CDC). Thus, there is
a step at FB pin in the transformer
demagnetization process, as shown in Fig.2.
Fig.2
also
illustrates
the
equation
for
“demagnetization plateau”, where Vo and VF is
the output voltage and diode forward voltage; R1
and R2 is the resistor divider connected from the
auxiliary winding to FB Pin, Ns and Na are
secondary winding and auxiliary winding



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com