Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525F Datasheet(PDF) 8 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 8 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 11Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
8-/11
respectively.
When heavy load condition, the Mode Selector
(as shown in “
Block Diagram”) based on EA
output will switch to CC Mode automatically.
PSR Constant Current Modulation
(PSR-CCM)
Timing information at the FB pin and current
information at the CS pin allow accurate regulation
of the secondary average current. The control law
dictates that as power is increased in CV regulation
and approaching CC regulation the primary peak
current is at Ipp(max), as shown in Fig.3.
Fig.3
Referring to Fig.3 above, the primary peak current,
transformer turns ratio, secondary demagnetization
time (Tdem), and
switching period (Tsw)
determines the secondary average output current
Iout. Ignoring leakage inductance effects, the
equation for average output current is shown in
Fig.3. When the average output current Iout
reaches the regulation reference in the Primary
Side Constant Current Modulator (PSR-CCM) block,
the IC operates in pulse frequency modulation
(PFM) mode to control the output current at any
output voltage at or below the voltage regulation
target as long as the auxiliary winding can keep
VDD above the UVLO turn-off threshold.
In DP2525F, the ratio between Tdem and Tsw in
CC mode is
4/7. Therefore, the average output
current can be expressed as:
 
 
Rcs
500mV
N
7
2
mA
I
CC_OUT
In the equation above,
N----The turn ratio of primary side winding to
secondary side winding.
Rcs--- the sensing resistor connected between the
power BJT emitter to GND.
Multi Mode Control in CV Mode
To meet the tight requirement of averaged system
efficiency and no load power consumption, a hybrid
of frequency modulation (FM) and amplitude
modulation (AM) is adopted in DP2525F which is
shown in the Fig 4.
Around the full load, the system operates in FM
mode. When normal to light load conditions, the IC
operates in FM+AM mode to achieve excellent
regulation and high efficiency. When the system is
near zero loading, the IC operates in FM again for
standby power reduction. In this way, the no-load
consumption can be less than 70mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com