Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525F Datasheet(PDF) 9 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 9 Page - Shenzhen Developer Microelectronics Co., Ltd

Back Button DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 10Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 11Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
9-/11
Fig.4
Programmable
Cable
Drop
Compensation (CDC) in CV Mode
In smart phone charger application, the battery is
always connected to the adapter with a cable wire
which can cause several percentages of voltage
drop on the actual battery voltage. In DP2525F, an
offset voltage is generated at FB pin by an internal
current source (modulated by CDC block, as shown
in Fig.5) flowing into the resistor divider. The
current is proportional to the switching period, thus,
it is inversely proportional to the output power Pout.
Therefore, the drop due the cable loss can be
compensated. As the load decreases from full
loading to zero loading, the offset voltage at FB pin
will increase. By adjusting the resistance of R1 and
R2 (as shown in Fig.), the cable loss compensation
can be programmed. The percentage of maximum
compensation is given by
%
100
V
R1//R2
Icable_max
Vout
V(cable)
FB_REF
For example, R1=3K Ω , R2=18K Ω , The
percentage of maximum compensation is given by:
%
7
.
7
%
100
2V
3K//18K
60uA
Vout
V(cable)
Fig.5
Optimized Dynamic Response
In DP2525F, the dynamic response performance is
optimized to meet USB charge requirements.
On Chip Thermal Shutdown (OTP)
When the IC temperature is over 155 oC, the IC
shuts down. Only when the IC temperature drops to
140 oC, IC will restart.
Audio Noise Free Operation
As mentioned above, the multi-mode CV control
with a hybrid of FM and AM provides frequency
modulation. An internal current source flowing to
CS pin realizes CS peak voltage modulation. In
DP2525F, the optimized combination of frequency
modulation and CS peak voltage modulation
algorithm can provide audio noise free operation
from full loading to zero loading.
Dynamic BJT Base Drive
DP2525F drives a power BJT with dynamic base
drive control to optimize efficiency. The BJT base



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com