Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525F Datasheet(PDF) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 1 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP2525F Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
1-/11
FEATURES
Low Cost Solution Built-in 800V power BJT
Quasi-Resonant Primary Side Regulation
(QR-PSR) Control with High Efficiency
Multi-Mode PSR Control
Fast Dynamic Response
Built-in Dynamic Base Drive
Audio Noise Free Operation
±
4% CC and CV Regulation
Low Standby Power <70mW
Programmable Cable Drop Compensation
(CDC) in CV Mode
Built-in AC Line & Load CC Compensation
Build in Protections:
Short Load Protection (SLP)
Cycle-by-Cycle Current Limiting
Leading Edge Blanking (LEB)
Pin Floating Protection
VDD OVP & UVP & Clamp
Over temperature protection(OTP)
Available with DP2525F Versions in SOP-7
Package
APPLICATIONS
Battery Chargers for Cellular Phones
AC/DC Power Adapter and LED Lightings
GENERAL DESCRIPTION
DP2525F is a high performance Quasi Resonant
(QR) Primary Side Regulation (PSR) PWM power
switch with high precision CV/CC control ideal for
charger applications.
In CV mode, DP2525F adopts Multi Mode QR
Control which uses the hybrid of AM (Amplitude
Modulation) mode and (Frequency Modulation)
FM mode to improve system efficiency and
reliability. In CC mode, the IC uses PFM control
with line and load CC compensation. The IC can
achieve fast dynamic response. The built-in Cable
Drop Compensation (CDC) function can provide
excellent CV performance.
DP2525F integrates functions and protections of
Under Voltage Lockout (UVLO), VDD over Voltage
Protection (VDD OVP), Cycle-by-cycle Current
Limiting (OCP), Short Load Protection (SLP), On-
Chip Thermal Shutdown, VDD Clamping, etc.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - DP2525F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525A ETC-DP2525A Datasheet
490Kb / 11P
Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525B ETC-DP2525B Datasheet
490Kb / 11P
Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525C ETC-DP2525C Datasheet
490Kb / 11P
Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
More results

Similar Description - DP2525F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
logo
Leadtrend Technology
LD5718AC LEADTREND-LD5718AC Datasheet
713Kb / 16P
Primary-Side Quasi-Resonant Controller,Operating in CV/CC Mode
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7516C LEADTREND-LD7516C Datasheet
699Kb / 14P
Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
logo
Princeton Technology Co...
RS2122A PTC-RS2122A Datasheet
146Kb / 4P
High Precision CC/CV PSR PWM Switch
RS2138A PTC-RS2138A Datasheet
70Kb / 4P
High Precision CC/CV PSR PWM Switch
logo
AiT Semiconductor Inc.
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
logo
SHENZHEN CHENGXINWEI TE...
CX7501 CXW-CX7501 Datasheet
2Mb / 10P
Quasi-Resonant PSR CC/CV PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com