Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525F Datasheet(PDF) 5 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP2525F
Description  Quasi-Resonant PSR CC/CV PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP2525F Datasheet(HTML) 5 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP2525F Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP2525F Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DP2525F
Quasi-Resonant PSR CC/CV PWM Power Switch
www.depuw.com
Rev.1.1
5-/11
VFBREF
Internal Error Amplifier (EA)
Reference Input
1.97
2.0
2.03
V
VFB_SLP
Short Load Protection (SLP)
Threshold
0.65
V
TFB_Short
Short Load Protection (SLP)
Debounce Time
(Note 3)
36
ms
VFB_DEM
Demagnetization Comparator
Threshold
25
mV
Toff_min
Minimum OFF time
(Note 3)
2
us
Ton_max
Maximum ON time
(Note 3)
20
us
Toff_max
Maximum OFF time
5
ms
ICable_max
Maximum
Cable
Drop
Compensation(CDC) Current
60
uA
TSW /TDEM
Ratio
between
Switching
Period and Demagnetization
Time in CC Mode
7/4
Current Sense Input Section (CS Pin)
TLEB
CS Input Leading Edge
Blanking Time
500
ns
Vcs(max)
Current limiting threshold
490
500
510
mV
TD_OC
Over Current Detection and
Control Delay
100
ns
On-Chip Thermal Shutdown
TSD
Thermal Shutdown
(Note 3)
---
155
--
°C
TRC
Thermal Recovery
(Note 3)
140
--
°C
BJT Section (HV Pin)
VCEO
Collector-Emitter voltage
400
V
VCBO
Collector-Base voltage
800
V
Note1. Stresses listed as the above "Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note2. The device is not guaranteed to function outside its operating conditions.
Note3. Guaranteed by the Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com