Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with uP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3258ITS-2.8-R-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Recommended Operating Conditions
Symbol
Description
Value
Units
V
IN
Input Voltage to LDO
3
(V
OUT + VDO) to 5.5
V
V
DET
Input Voltage to µP Reset (0° to 70°C)
1.0 to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Value
Units
θ
JA
Maximum Thermal Resistance
150
°C/W
P
D
Maximum Power Dissipation
833
mW
Symbol
Description
Value
Units
V
IN
Input Voltage
6.0
V
V
RESET
RESET to GND
-0.3 to V
DET + 0.3
V
V
SHDNIN(MAX)
Maximum SHDN to Input Voltage
0.3
V
I
OUT
LDO Regulator DC Output Current
P
D/(VIN- VO)mA
I
RESET
Maximum Reset Output Current
20
mA
∆V
DET/∆t
Maximum Rate of V
DET Rise
100
V/µs
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.
3. To calculate minimum input voltage, use the following equation: V
IN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com