Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with uP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LDO Regulator Applications
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for C
IN in most applications.
A C
IN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3258 is physically located more
than three centimeters from an input power source,
a C
IN capacitor will be needed for stable operation.
C
IN should be located as closely to the device VIN
pin as practically possible. C
IN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capaci-
tors may be selected for C
IN. There is no specific
capacitor ESR requirement for C
IN.
However, for
300mA LDO regulator output operation, ceramic
capacitors are recommended for C
IN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND.
The C
OUT
capacitor connection to
the LDO regulator ground pin should be made as
direct as practically possible for maximum device
performance.
The AAT3258 has been specifically designed to func-
tion with very low ESR ceramic capacitors. For best
performance, ceramic capacitors are recommended.
Typical output capacitor values for maximum output
current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3258 should use 2.2µF or
greater for C
OUT. If desired, COUT may be increased
without limit.
In low output current applications where output
load is less than 10mA, the minimum value for
C
OUT can be as low as 0.47µF.
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
11
The microprocessor reset section monitors the supply
voltage to a microprocessor and asserts a reset sig-
nal whenever the V
DET voltage falls below a factory-
programmed threshold. This threshold is accurate
within +/-1.5% at 25°C. The reset signal remains
asserted for a minimum of 150ms after V
DET has risen
above the threshold, as shown in Figure 1.
To assure the maximum possible performance is
obtained from the AAT3258, please refer to the fol-
lowing application recommendations.
Figure 1: Reset Signal Assertion.
V
RESET
DET
V
TH
V
TH
V
TH
t
RDY
t
RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com