Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with uP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3258ITS-2.8-R-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
1
PowerLinear™
General Description
The AAT3258 combines a high performance, low
noise, 300mA low dropout (LDO) linear regulator
with a microprocessor reset monitor. The 300mA
output capability of the LDO regulator makes this
device ideal for use with microprocessors and DSP
cores in portable products.
The microprocessor
reset monitor section has very low quiescent cur-
rent consumption and has an active low reset out-
put. The AAT3258 has separate input pins for the
reset monitor and LDO regulator so they may be
operated from independent sources for increased
design flexibility. This device features very low qui-
escent current, typically less than 71µA.
The LDO regulator has low dropout voltage, typical-
ly 400mV at the full output current level, making it
ideal for portable applications where extended bat-
tery life is critical. The AAT3258 LDO regulator sec-
tion has complete over-current/short-circuit and
over-temperature protection circuits to guard against
extreme operating conditions. The device also has
an active output pull down function when disabled.
The AAT3258 is available in a Pb-free, space-sav-
ing 8-pin TSOPJW package. This device is capa-
ble of operation over a -40°C to +85°C temperature
range.
Features
•
Integrated LDO Regulator with µP Reset
•
300mA Output LDO Regulator
•
Low Dropout Regulator, 400mV at 300mA
•
High LDO Output Voltage Accuracy, Typically
1.5%
•
Very Low Noise and High Power Supply
Rejection Ratio (PSRR) LDO
•
Low Quiescent Current at 71µA
•
LDO Over-Current/Short-Circuit Protection
•
LDO Over-Temperature Protection
•
LDO Power Saving Shutdown Mode
•
Independent Device Power Inputs
•
High Accuracy Reset Monitor Threshold: ±1.5%
•
Active Low Push-Pull Monitor Reset Output
•
<2.0µA of Shutdown Current
•
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
•
-40°C to +85°C Temperature Range
•
8-Pin TSOPJW Package
Applications
•
Cellular Phones
•
Digital Cameras
•
Handheld Instrumentation
•
Microprocessor/DSP Core/IO Power
•
Notebook Computers
•
PDAs and Handheld Computers
•
Portable Communication Devices
Typical Application
AAT3258
1µF
2.2µF
100k
10nF
LDO Shutdown
µP Reset
Manual Reset
VIN
RESET OUT
LDO VOUT
VOUT
RESET
GND
SHDN
BYP
MR
VDET
VIN


Similar Part No. - AAT3258ITS-2.8-R-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
251Kb / 17P
300mA LDO Linear Regulator with UP Reset
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
262Kb / 16P
300mA LDO Linear Regulator with 關P Reset
logo
Skyworks Solutions Inc.
AAT3258ITS-2.8-R-T1 SKYWORKS-AAT3258ITS-2.8-R-T1 Datasheet
1Mb / 16P
300mA LDO Linear Regulator with μP Reset
August 10, 2012
More results

Similar Description - AAT3258ITS-2.8-R-T1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
300mA LDO Linear Regulator with UP Reset
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
300mA LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
300mA LDO Linear Regulator with Integrated Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com