Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with uP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3258ITS-2.8-R-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
5
Electrical Characteristics
1
T
A = 25°C, unless otherwise noted.
Symbol
Description
Conditions
Min
Typ
Max
Units
Microprocessor Reset Monitor
V
DET
Input Voltage Range
T
A = 0°C to +70°C
1
5.5
V
T
A = -40°C to +85°C
1.2
5.5
I
Q
Quiescent Current
V
CC = 5.5V
1.05
3.0
µA
V
CC = 3.0V
0.85
2.0
I
DD
Operating Supply Current
V
DET = 3.0V
0.85
2.0
µA
I
DOFF
Reset Leakage Current
V
DET > VTH
1.0
µA
V
TH
Reset Threshold Voltage
T
A = 25°C
AAT3258xxx-x.x-R
2.59
2.63
2.67
V
AAT3258xxx-x.x-Y
2.41
2.45
2.49
∆V
TH/°C
RESET Threshold Tempco
40
ppm/°C
T
P
Reset Propagation Delay
V
DET = VTH to (VTH - 100mV)
15
µs
T
RDY
Reset Active Timeout Period
150
250
400
ms
T
MR
MR Minimum Pulse Width
10
µs
MRGI
MR Glitch Immunity
100
ns
R
MR
MR Pull-Up Resistance
30
65
90
k
Ω
T
MD
MR to Reset Propagation
0.5
µs
Delay
V
IH
MR Input Threshold (high)
V
DET = VTH(MAX)
0.7
× V
DET
V
V
IL
MR Input Threshold (low)
V
DET = VTH(MAX)
0.25
× V
DET
V
I
SINK = 1.2mA, VDET = VTH(MIN),
0.3
V
TH ≤ 3.08V, Reset Asserted
V
OL
Reset Low Voltage
I
SINK = 3.2mA, VDET = VTH(MIN),
0.4
V
V
TH > 3.08V, Reset Asserted
I
SOURCE = 800µA, VDET > 3.08V, V
DET - 1.5
V
DET > VTH(MAX)
V
OH
Reset High Voltage
I
SOURCE = 500µA, VDET >
0.8 * V
DET
V
V
TH(MAX), VTH ≤ 3.08V
1. The AAT3258 is guaranteed to meet performance specifications over the -40°C to 85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com