Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with uP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3258ITS-2.8-R-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
8
3258.2006.03.1.6
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Power-Down Reset Propagation
Delay vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
Temperature (
°C)
VDO = 10mV
VDO = 100mV
Power-Up Reset Timeout
vs. Temperature
160
180
200
220
240
260
280
300
320
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Normalized Reset Threshold
vs. Temperature
0.997
0.998
0.999
1.000
1.001
1.002
1.003
-40
-20
0
20
40
60
80
Temperature (
°C)
LDO SHDN VIH and VIL vs. VIN
1.050
1.075
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VIH
VIL
Over-Current Protection
-200
0
200
400
600
800
1000
1200
Time (20ms/div)
AAT3258 Self Noise
(COUT = 10
µF, ceramic)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
Band Power:
300Hz to 50kHz = 44.6
µVrms/rtHz
100Hz to 100kHz = 56.3
µVrms/rtHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com