Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
39
Note
HOUR1/0 BCD coding from 0 to 11/23
ALARM_DAYS_REG (REG[0B]): RTC ALARM DAYS REGISTER
ADDRESS: 0BH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
ALARM_DAY1
ALARM_DAY0
DEFAULT
0
0
0
0
0
0
0
1
Description
Bit 7-6
RESV: Reserved
Bit 5-4
Set the second digit of the RTC alarm days
Bit 3-0
Set the first digit of the RTC alarm days
Note
BCD coding from 0 to 28/29/30/31
ALARM_MONTHS_REG (REG[0C]): RTC ALARM MONTHS REGISTER
ADDRESS: 0CH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
RESV
ALARM_
MONTH
1
ALARM_MONTH0
DEFAULT
0
0
0
0
0
0
0
1
Description
Bit 7-5
RESV: Reserved
Bit 4
Set the second digit of the RTC alarm months
Bit 3-0
Set the first digit of the RTC alarm months
Note
BCD coding from 01 to 12
ALARM_YEARS_REG (REG[0D]): RTC ALARM YEARS REGISTER
ADDRESS: 0DH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
ALARM_YEAR1
ALARM_YEAR0
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-5
Set the second digit of the RTC alarm years
Bit 3-0
Set the first digit of the RTC alarm years
Note
BCD coding from 00 to 99
RTC_CTRL_REG (REG[10]): RTC CONTROL REGISTER
ADDRESS: 10H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RTC_REA
DSEL
GET_T
IME
SET_32_
COUNTE
R
TEST_
MODE
AMPM
_MOD
E
AUTO
_CO
MP
ROUND_3
0S
(Auto Clr)
STOP
_RTC
DEFAULT
0
0
0
0
0
0
0
0
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com