Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816 Datasheet(PDF) 53 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 53 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 54Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 55Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
53
Description
Bit 7
Bit 6
Bit 5
RESV: Reserved
LDO2_IMAX: LDO2 current limit
0: normal, 1: 130%*normal
LDO2_DISCHRG_EN: LDO2 discharge resistor enable bit when shut down
0: disable discharge resistor when shut down
1: enable discharge resistor when shut down
Bit 4-0
LDO2_ON_VSEL: LDO2 active mode voltage,0.8V~3.4V, step=0.1V
00000: 0.8V
00001: 0.9V
….
11001: 3.3V
11010: 3.4V
LDO2_SLP_VSEL_REG (REG[3E]): LDO2 SLEEP REGISTER
ADDRESS: 3EH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
LDO2_SLP_VSEL
DEFAULT
0
0
0
Boot0:01010;Boot1:OTP
Description
Bit 7-5
RESV: Reserved
Bit 4-0
LDO2_SLP_VSEL: LDO2 sleep mode voltage,0.8V~3.4V, step=0.1V
00000: 0.8V
00001: 0.9V
….
11001: 3.3V
11010: 3.4V
LDO3_ON_VSEL_REG (REG[3F]): LDO3 ON REGISTER
ADDRESS: 3FH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
LDO3_IM
AX
LDO3_DIS
CHRG_EN
LDO3_ON_VSEL
DEFAULT
0
0
1
Boot0:00011;Boot1:OTP
Description
Bit 7
Bit 6
Bit 5
RESV: Reserved
LDO3_IMAX: LDO3 current limit
0: normal, 1: 130%*normal
LDO3_DISCHRG_EN: LDO3 discharge resistor enable bit when shut down
0: disable discharge resistor when shut down
1: enable discharge resistor when shut down
Bit 4-0
LDO3_ON_VSEL: LDO3 active mode voltage,0.8V~3.4V, step=0.1V
00000: 0.8V
00001: 0.9V
….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com