Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816 Datasheet(PDF) 64 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 64 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 65Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 66Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
64
Bit 1-0
RESV: Reserved(Do not change the default value)
BAT_CTRL_REG (REG[A6]): BATTERY CONTROL REGISTER
ADDRESS: A6H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_DIS_ILIM
_EN
USB_SYS_
EN
RESV
BAT_DISCHRG_ILIM
DEFAUL
T
1
1
0
0
0
0
1
1
Description
Bit 7
BAT_DIS_ILIM_EN: Discharging current limit function control
0: Disable,
1: Enable
Bit 6
USB_SYS_EN: USB to system enable control
0: Disable,
1: Enable
Bit 5-3
RESV: Reserved
Bit 2-0
BAT_DISCHRG_ILIM: Discharging current limit selection
000: 2A, 001: 2.5A, 010: 3A, 011: 3.5A, 1xx:4A
BAT_HTS_TS_REG (REG[A8]): BATTERY OVER TEMPERATURE THRESHOLD
REGISTER
ADDRESS: A8H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_HTS_TS
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-0
BAT_HTS_TS: Battery over temperature protection threshold sensed at TS
BAT_LTS_TS_REG (REG[A9]): BATTERY UNDER TEMPERATURE THRESHOLD
REGISTER
ADDRESS: A9H
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BAT_LTS_TS
DEFAULT
1
1
1
1
1
1
1
1
Description
Bit 7-0
BAT_LTS_TS: Battery low temperature protection threshold sensed at TS
5.2.8 ADC And Fuel Gauge Registers
TS_CTRL_REG (REG[AC]): TS CONTROL REGISTER
ADDRESS: ACH
TYPE: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
GG_EN RESV
TS_FUN RESV
TS_CUR
DEFAULT
1
0
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com