Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816 Datasheet(PDF) 13 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 13 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
13
PIN NO
PIN NAME
PIN DESCRIPTION
4
SW5
Charger switching node / boost switching node
5
MIDU
Middle point of USB power supply / boost output
6
USB
USB power supply
7
VCC3
Power supply of buck3
8
SW3
Switching node of buck3
9
VFB3
Output feedback voltage of buck3
10
XIN
32.768KHz crystal oscillator input
11
XOUT
32.768KHz crystal oscillator output
12
PWRON
Power on or power off enable pin, active low, internal 20k
pull high to power supply
13
VCC2
Power supply of buck2
14
SW2
Switching node of buck2
15
VFB2
Output feedback voltage of buck2
16
VCC1
Power supply of buck1
17
SW1
Switching node of buck1
18
VFB1
Output feedback voltage of buck1
19
NRESPWON
Reset pin after power on, active low.
20
CLK32K
32.768KHz clock output, open drain
21
LDO3
LDO3 output
22
VCC5
Power supply of LDO1/2/3
23
LDO1
LDO1 output
24
LDO2
LDO2 output
25
REFGND
Reference ground
26
VREF
Internal reference voltage
27
LDO4
LDO4 output
28
LDO5
LDO5 output
29
VCC6
Power supply of LDO4/5/6
30
LDO6
LDO6 output
31
VCCRTC
Power supply of RTC, decouple it to GND with a 1uF cap
32
SNSN
Battery charging or discharging current sense negative
terminal
33
SNSP
Battery charging or discharging current sense postive
terminal
34
TS(GPIO1)
Thermistor input. Connect a thermistor from this pin to
ground.
The thermistor is usually inside the battery pack. (multi-
function for GPIO1)
35
BAT
Battery positive terminal
36
SYS
System terminal
37
SW4
Switching node of buck4
38
VFB4
Output feedback voltage of buck4
39
VCC4
Power supply of buck4
40
SLEEP
Sleep mode control input
Exposed
pad
Exposed
ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com