Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK816 Datasheet(PDF) 14 Page - Rockchip Electronics Co., Ltd

Part # RK816
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816 Datasheet(HTML) 14 Page - Rockchip Electronics Co., Ltd

Back Button RK816 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK816 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
14
Electrical Characteristics
3.1 Absolute Maximum Ratings
Parameter
Min
Max
Units
Voltage range on pins USB,MIDU,SWx
-0.3
6.5
V
Voltage range on pins VCCx, FBx, LDOx, VREF,
VCCRTC
-0.3
6.5
V
Voltage range on pin CLK32K, SLEEP
-0.3
6.5
V
Voltage range on pins XIN,XOUT, PWRON
-0.3
VSYSMAX+0.3
Voltage range on pins NRESPWRON, INT, SDA, SCL
-0.3
4
V
Storage temperature range, TS
-40
150
℃
Operating temperature range, TJ
-40
125
℃
Maximum Soldering Temperature, TSOLDER
300
℃
Note 1. Exposure to the conditions exceeded absolute maximum ratings may cause the permanent
damages and affect the reliability and safety of both device and systems using the device. The
functional operations cannot be guaranteed beyond specified values in the recommended conditions.
3.2 Recommended Operating Conditions
Parameter
Min
TYP
Max
Units
Voltage range on pins USB
4
5
5.5
V
Voltage range on other pins
5.5
V
Power Dissipation
2.7
W
3.3 DC Characteristics
Test conditions: VUSB =5.0V, TA = 25°C for typical values, unless otherwise
noted.
PARAMETERS
SYMB
OL
CONDITION
MIN
TYP
MAX
UNIT
USBIN
USB Operating Range
VUSB
4
5
6
V
USB Under Voltage
Lockout Threshold
Rising
3.65
3.8
3.95
V
Falling
3.6
V
USB vs BAT Threshold
Rising
70
mV
Falling
30
mV
USB Input Current Limit
IUSB
Min Current
60
80
100
mA
Default(OTP)
400
450
500
mA
Max current
2
A
Maximum USB and BAT
Power on Reset Threshold
(Rising)
VPORH
2.2
V
Maximum USB and BAT
Power on Reset Threshold
(Falling)
VPORL
1.2
V
Over Voltage Lock Out
Threshold (USB Rising)
VTH(OVL
O)
5.7
6.0
6.3
V
Over Voltage Lock Out
Hysteresis
VHYS
(OVLO)
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com