Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 9Page - ATMEL Corporation ATAM894 Datasheet HTML 10Page - ATMEL Corporation ATAM894 Datasheet HTML 11Page - ATMEL Corporation ATAM894 Datasheet HTML 12Page - ATMEL Corporation ATAM894 Datasheet HTML 13Page - ATMEL Corporation ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
13
4679D–4BMCU–05/05
ATAM894
A power-on reset pulse is generated by a V
DD rise across the default BOT voltage level (1.7V). A
brown-out reset pulse is generated when V
DD falls below the brown-out voltage threshold. Two
values for the brown-out voltage threshold are programmable via the BOT bit in the SC register.
When the controller runs in the upper supply voltage range with a high system clock frequency,
the high threshold must be used. When it runs with a lower system clock frequency, the low
threshold and a wider supply voltage range may be chosen. For further details, see the electrical
specification and the SC register description for BOT programming.
Figure 5-8.
Brown-out Detection
Note:
BOT = 1, low brown-out voltage threshold 1.7V (is reset value).
BOT = 0, high brown-out voltage threshold 2.0V.
5.3.2
Watchdog Reset
The watchdog's function can be enabled at the WDC register and triggers a reset with every
watchdog counter overflow. To suppress the watchdog reset, the watchdog counter must be
regularly reset by reading the watchdog register address (CWD). The CPU reacts in exactly the
same manner as a reset stimulus from any of the above sources.
5.3.3
External Clock Supervisor
The external input clock supervisor function can be enabled if the external input clock is selected
within the CM- and SC registers of the clock module. The CPU reacts in exactly the same man-
ner as a reset stimulus from any of the above sources.
5.4
Voltage Monitor
The voltage monitor consists of a comparator with an internal voltage reference. It is used to
supervise the supply voltage or an external voltage at the VMI pin. The comparator for the sup-
ply voltage has three internal programmable thresholds: one lower threshold (2.2V), one middle
threshold (2.6 V) and one higher threshold (3.0V). For external voltages at the VMI pin, the com-
parator threshold is set to V
BG = 1.3V. The VMS bit indicates if the supervised voltage is below
(VMS = 0) or above (VMS = 1) this threshold. An interrupt can be generated when the VMS bit is
set or reset to detect a rising or falling slope. A voltage monitor interrupt (INT7) is enabled when
the interrupt mask bit (VIM) is reset in the VMC register.
V
DD
CPU
Reset
t
BOT = 1
2.0 V
1.7 V
BOT = 0
t
d = 1.5 ms (typically)
t
d
t
d
t
d
CPU
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com