Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation ATAM894 Datasheet HTML 18Page - ATMEL Corporation ATAM894 Datasheet HTML 19Page - ATMEL Corporation ATAM894 Datasheet HTML 20Page - ATMEL Corporation ATAM894 Datasheet HTML 21Page - ATMEL Corporation ATAM894 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
18
4679D–4BMCU–05/05
ATAM894
5.5.2.3
RC-oscillator 2 with External Trimming Resistor
The RC-oscillator 2 is a high resolution trimmable oscillator whereby the oscillator frequency can
be trimmed with an external resistor between OSC1 and V
DD. In this configuration, the RC-oscil-
lator 2 frequency can be maintained stable with a tolerance of ±15% over the full operating
temperature and a voltage range V
DD from 2.5V to 6.0V.
For example: An output frequency at the RC-oscillator 2 of 2 MHz can be obtained by connect-
ing a resistor R
ext = 360 kΩ (see Figure 5-15).
Figure 5-15.
RC-oscillator 2
5.5.2.4
4-MHz Oscillator
The ATAM894 4-MHz oscillator options need a crystal or ceramic resonator connected to the
OSC1 and OSC2 pins to establish oscillation. All the necessary oscillator circuitry, with the
exception of the actual crystal, resonator, C
3 and C4 are integrated on-chip.
Figure 5-16.
4-MHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
Table 5-5.
Supervisor Function Control Bits
OS1
OS0
CCS
Supervisor Reset Output (Res)
1
1
0
Enable
11
1
Disable
x0
x
Disable
RC-oscillator 2
RcOut2
Stop
RcOut2
Osc-Stop
R
Trim
OSC1
OSC2
R
ext
V
DD
4-MHz
oscillator
4Out
4Out
OSC1
OSC2
*
Oscin
C
1
*
C
2
Oscout
XTAL
4 MHz
*
configurable
Stop
Osc-Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com