Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 29Page - ATMEL Corporation ATAM894 Datasheet HTML 30Page - ATMEL Corporation ATAM894 Datasheet HTML 31Page - ATMEL Corporation ATAM894 Datasheet HTML 32Page - ATMEL Corporation ATAM894 Datasheet HTML 33Page - ATMEL Corporation ATAM894 Datasheet HTML 34Page - ATMEL Corporation ATAM894 Datasheet HTML 35Page - ATMEL Corporation ATAM894 Datasheet HTML 36Page - ATMEL Corporation ATAM894 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
33
4679D–4BMCU–05/05
ATAM894
Figure 6-9.
Timer 1 and Watchdog
6.3.1.1
Timer 1 Control Register 1 (T1C1)
Note:
* Bit 3 = MSB, Bit 0 = LSB
The three bits T1C[2:0] select the divider for timer 1. The resulting time interval depends on this
divider and the timer 1 input clock source. The timer input can be supplied by the system clock,
the 32-kHz oscillator or via the clock management. If the clock management generates the
SUBCL, the selected input clock from the RC-oscillator, 4-MHz oscillator or an external clock is
divided by 16.
Q5
Q1 Q2
Q3 Q4
Q6
Q8
Q8
Q11
Q11
Q14
Q14
RES
CL
Decoder
Watchdog
mode control
MUX for interval timer
Decoder
MUX for watchdog timer
T1RM T1C2 T1C1
T1C0
3
2
WDL
WDR WDT1 WDT0
WDC
RES
T1MUX
SUBCL
T1BP T1IM
T1IM=0
T1IM=1
INT2
T1OUT
T1C2
RESET
(NRST)
Watchdog
Divider/8
Divider
RESET
T1C1
Write of the
T1C1 register
CL1
WDCL
Read of the
CWD register
Address: '7'hex — Subaddress: '8'hex
Bit 3*
Bit 2
Bit 1
Bit 0
T1C1
T1RM
T1C2
T1C1
T1C0
Reset value: 1111b
T1RM
Timer 1 Restart Mode
T1RM = 0, write access without Timer 1 restart
T1RM = 1, write access with Timer 1 restart
Note: if WDL = 0, Timer 1 restart is impossible
T1C2
Timer 1 Control bit 2
T1C1
Timer 1 Control bit 1
T1C0
Timer 1 Control bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com