Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 41Page - ATMEL Corporation ATAM894 Datasheet HTML 42Page - ATMEL Corporation ATAM894 Datasheet HTML 43Page - ATMEL Corporation ATAM894 Datasheet HTML 44Page - ATMEL Corporation ATAM894 Datasheet HTML 45Page - ATMEL Corporation ATAM894 Datasheet HTML 46Page - ATMEL Corporation ATAM894 Datasheet HTML 47Page - ATMEL Corporation ATAM894 Datasheet HTML 48Page - ATMEL Corporation ATAM894 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
45
4679D–4BMCU–05/05
ATAM894
6.3.2.9
Timer 2 Mode Register 2 (T2M2)
If one of these output modes is used the T2O alternate function of Port 4 must also be activated.
6.3.2.10
Timer 2 Compare and Compare Mode Registers
Timer 2 has two separate compare registers, T2CO1 for the 4-bit stage and T2CO2 for the 8-bit
stage of Timer 2. The timer compares the contents of the compare register current counter value
and if it matches it generates an output signal. Depending on the timer mode, this signal is used
to generate a timer interrupt, to toggle the output flip-flop as SSI clock or as a clock for the next
counter stage.
In the 12-bit timer mode, T2CO1 contains bits 0 to 3 and T2CO2 bits 4 to 11 of the 12-bit com-
pare value. In all other modes, the two compare registers work independently as a 4- and 8-bit
compare register. When assigned to the compare register a compare event will be suppressed.
Address: '7'hex — Subaddress: '2'hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M2
T2TOP
T2OS2
T2OS1
T2OS0
Reset value: 1111b
T2TOP
Timer 2 Toggle Output Preset
This bit allows the programmer to preset the Timer 2 output T2O.
T2TOP = 0, resets the toggle outputs with the write cycle (M2 = 0)
T2TOP = 1, sets toggle outputs with the write cycle (M2 = 1)
Note: If T2R = 1, no output preset is possible
T2OS2
Timer 2 Output Select bit 2
T2OS1
Timer 2 Output Select bit 1
T2OS0
Timer 2 Output Select bit 0
Table 6-11.
Timer 2 Output Select Bits
Output
Mode
T2OS2
T2OS1
T2OS0
Clock Output
1111
Toggle mode: a Timer 2 compare match toggles
the output flip-flop (M2)
→T2O
2110
Duty cycle burst generator 1: the DCG output
signal (DCG0) is given to the output and gated by
the output flip-flop (M2)
3101
Duty cycle burst generator 2: the DCG output
signal (DCGO) is given to the output and gated
by the SSI internal data output (SO)
4100
Bi-phase modulator: Timer 2 modulates the SSI
internal data output (SO) to
Bi-phase code
5011
Manchester modulator: Timer 2 modulates the
SSI internal data output (SO) to Manchester code
6010
SSI output: T2O is used directly as SSI internal
data output (SO)
7001
PWM mode: an 8/12-bit PWM mode
8000
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com