Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM894 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 28Page - ATMEL Corporation ATAM894 Datasheet HTML 29Page - ATMEL Corporation ATAM894 Datasheet HTML 30Page - ATMEL Corporation ATAM894 Datasheet HTML 31Page - ATMEL Corporation ATAM894 Datasheet HTML 32Page - ATMEL Corporation ATAM894 Datasheet HTML 33Page - ATMEL Corporation ATAM894 Datasheet HTML 34Page - ATMEL Corporation ATAM894 Datasheet HTML 35Page - ATMEL Corporation ATAM894 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
32
4679D–4BMCU–05/05
ATAM894
6.3.1
Timer 1
The Timer 1 is an interval timer which can be used to generate periodic interrupts and as pres-
caler for Timer 2, Timer 3, the serial interface and the watchdog function.
The Timer 1 consists of a programmable 14-stage divider that is driven by either SUBCL or
SYSCL. The timer output signal can be used as prescaler clock or as SUBCL and as source for
the Timer 1 interrupt. Because of other system requirements the Timer 1 output T1OUT is syn-
chronized with SYSCL. Therefore, in the power-down mode SLEEP (CPU core
→sleep and
OSC-Stop
→yes) the output T1OUT is stopped (T1OUT = 0). Nevertheless, the Timer 1 can be
active in SLEEP and generate Timer 1 interrupts. The interrupt is maskable via the T1IM bit and
the SUBCL can be bypassed via the T1BP bit of the T1C2 register. The time interval for the
timer output can be programmed via the Timer 1 control register T1C1.
This timer starts running automatically after any power-on reset! If the watchdog function is not
activated, the timer can be restarted by writing into the T1C1 register with T1RM = 1.
Timer 1 can also be used as a watchdog timer to prevent a system from stalling. The watchdog
timer is a 3-bit counter that is supplied by a separate output of Timer 1. It generates a system
reset when the 3-bit counter overflows. To avoid this, the 3-bit counter must be reset before it
overflows. The application software has to accomplish this by reading the CWD register.
After power-on reset the watchdog must be activated by software in the $RESET initialization
routine. There are two watchdog modes, in one mode the watchdog can be switched on and off
by software, in the other mode the watchdog is active and locked. This mode can only be
stopped by carrying out a system reset.
The watchdog timer operation mode and the time interval for the watchdog reset can be pro-
grammed via the watchdog control register (WDC).
Figure 6-8.
Timer 1 Module
14-bit
Prescaler
CL1
4-bit
Watchdog
MUX
WDCL
T1IM
T1BP
T1MUX
NRST
INT2
T1OUT
T1CS
SYSCL
SUBCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com