Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87702L Datasheet HTML 4Page - Micrel Semiconductor SY87702L Datasheet HTML 5Page - Micrel Semiconductor SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor SY87702L Datasheet HTML 10Page - Micrel Semiconductor SY87702L Datasheet HTML 11Page - Micrel Semiconductor SY87702L Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SY87702L
8
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
LOOP FILTER COMPONENTS(1)
CML OUTPUT DIAGRAM
100Ω
100Ω
100Ω
100Ω
100Ω
SY87702L
VCC
VCC
Figure 3.
50
Ω Load CML Output
100Ω
100Ω
200Ω
SY87702L
VCC
Figure 4.
100
Ω Load CML Output
R1
C1
PLLSN+
or
PLLSW+
PLLSN–
or
PLLSW–
R1 = 1.2kΩ
C1 = 1.0µF (X7R Dielectric)
Figure 1.
R1 Filter Component
R2
C2
PLLRN+
or
PLLRW+
PLLRN–
or
PLLRW–
R2 = 1.8kΩ
C2 = 1.0µF (X7R Dielectric)
Figure 2.
R2 Filter Component
NOTE:
1. Suggested Values. Values may vary for different applications.
TIMING WAVEFORMS
tCPWH
REFCLK±
RDOUT
tCPWL
tDV
tDH
tODC
tODC
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com