Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY87702L Datasheet HTML 1Page - Micrel Semiconductor SY87702L Datasheet HTML 2Page - Micrel Semiconductor SY87702L Datasheet HTML 3Page - Micrel Semiconductor SY87702L Datasheet HTML 4Page - Micrel Semiconductor SY87702L Datasheet HTML 5Page - Micrel Semiconductor SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY87702L
1
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
Rev.: D
Amendment: /0
Issue Date: July 2006
DESCRIPTION
FEATURES
SY87702L
■ 3.3V power supply
■ Complies with Bellcore, ITU/CCITT and ANSI
specifications for applications such as OC-1, OC-3,
OC-12, OC-48*, and ATM
■ Compatible with FDDI, Gigabit Ethernet, Fibre
Channel, 2X Fibre Channel, SMPTE 259 and 292, and
proprietary applications
■ Low power
■ Clock and data recovery from 28Mbps up to 2.5Gbps
NRZ data stream
■ Selectable reference frequencies via programmable
multiplier
■ Differential PECL and CML high-speed serial outputs
■ Line receiver input: no external buffering needed
■ Link fault indication
■ 100K ECL compatible I/O
■ Available in 64-Pin EP-TQFP package
■ Product obsolete. Use SY87721L for new designs
The SY87702L is a complete Clock Recovery and Data
retiming integrated circuit for data rates from 28Mbps up to
2.5Gbps NRZ. The device is ideally suited for SONET/SDH/
ATM, Fibre Channel, and Gigabit Ethernet applications, as
well as other high-speed data transmission applications.
Clock recovery and data retiming is performed by
synchronizing the on-chip VCO directly to the incoming data
stream. The VCO center frequency is controlled by the
reference clock frequency and the selected divide ratio. On-
chip clock generation is performed through the use of a
frequency multiplier PLL and can be used as a Clock
Multiplier Unit (CMU). The integrated CMU can provide this
clock signal at the TCLK outputs. Additionally, the TCLK
output can be selected to provide a copy of the RCLK
frequency.
For SONET/SDH applications, the SY87702L includes a
Link Fault Detection circuit. This circuit, enabled by the output
of an optical module driving the CD input low, causes the
recovery PLL of the SY87702L to lock to the reference
clock's multiplied frequency under Loss-of-Signal conditions.
This low jitter clock is provided at the RCLK outputs and is
at the same frequency as that provided at the TCLK output.
3.3V 28Mbps-2.5Gbps AnyRate®
CLOCK AND DATA RECOVERY
APPLICATIONS
■ Transponders and section repeaters
■ Multiplexer's: access, add drop (ADM), and terminal
(TM)
■ SONET/SDH/ATM: -based transmission systems,
modules, and test equipment
■ Terabit routers and broadband cross-connects
■ Fibre optic test equipment
■ HDTV switching and transmission
*Meets OC-48 Jitter Tolerance and Transfer
AnyRate® is a registered trademark of Micrel, Inc.


Similar Part No. - SY87702L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702LHG MICREL-SY87702LHG Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702LHGTR MICREL-SY87702LHGTR Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702LHI MICREL-SY87702LHI Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702LHITR MICREL-SY87702LHITR Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87702L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com