Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY87702L Datasheet HTML 1Page - Micrel Semiconductor SY87702L Datasheet HTML 2Page - Micrel Semiconductor SY87702L Datasheet HTML 3Page - Micrel Semiconductor SY87702L Datasheet HTML 4Page - Micrel Semiconductor SY87702L Datasheet HTML 5Page - Micrel Semiconductor SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SY87702L
4
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
RCLKE+
RCLKE–
RCLKC+
RCLKC–
LFIN
Link Fault
Detector
TCLKE+
TCLKE–
TCLKC+
TCLKC–
VCO
N/W1/W2/W3
Phase
Detector
Phase/
Frequency
Detector
VCO
N/W1/W2/W3
Phase/
Frequency
Detector
Charge
Pump
N/W
Divide by 1, 2,
4, 8, 10, 16,
20, 32
CD
RDIN+
RDIN–
Charge
Pump
N/W
RDOUTC+
RDOUTC–
RDOUTE+
RDOUTE–
REFCLK+
REFCLK–
* Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com