Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY87702L Datasheet HTML 1Page - Micrel Semiconductor SY87702L Datasheet HTML 2Page - Micrel Semiconductor SY87702L Datasheet HTML 3Page - Micrel Semiconductor SY87702L Datasheet HTML 4Page - Micrel Semiconductor SY87702L Datasheet HTML 5Page - Micrel Semiconductor SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SY87702L
3
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
Optical
Module
SY87702L
CDR/CMU
SY877XXL
Frame
Detector
Serial
EEPROM
Sel CD Lock
RX Data
Stream
TX Data Stream
Carrier Detect
Ref
Code Group Data
(4, 5, 8, 10, Bits)
Code Group Strobe
Code Group
Rate Clock
Alignment
Detect
Reference
Timing (8)
SY877XXL
Mux/Demux
SY877XXL
Programmable
Protocol
Selector
Note:
Add second SY877XXL
for 16 or 20 bit parallel
input and output.
TXCLK
SYSTEM BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com