Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY87702L Datasheet HTML 5Page - Micrel Semiconductor SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor SY87702L Datasheet HTML 10Page - Micrel Semiconductor SY87702L Datasheet HTML 11Page - Micrel Semiconductor SY87702L Datasheet HTML 12Page - Micrel Semiconductor SY87702L Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SY87702L
9
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
IH
Input HIGH Voltage
V
CC – 1.165
V
CC – 0.880
V
V
IL
Input LOW Voltage
V
CC – 1.810
V
CC – 1.475
V
I
IL
Input LOW Current
0.5
µAVIN = VIL(Min)
V
OH
Output HIGH Voltage
V
CC – 1.075
V
CC – 0.830
V
50Ω to VCC –2V
V
OL
Output LOW Voltage
V
CC – 1.860
V
CC – 1.570
V
50Ω to VCC –2V
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
100K PECL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
CC
Power Supply Voltage
3.15
3.3
3.45
V
I
CC
Power Supply Current
400
mA
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
OH
Output HIGH Voltage
V
CC – 0.025
V
V
OL
Output LOW Voltage
V
CC – 0.400
V
100Ω Environment
V
CC – 0.200
50Ω Environment
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
CML DC ELECTRICAL CHARACTERISTICS(1)
NOTE:
1. Actual voltage levels and differential swing will depend on customer termination scheme. Typically, a 400mV swing is available in the 100Ω environment
and a 200mV swing in the 50Ω environment. Refer to the “CML Output” diagram for more details.
Symbol
Parameter
Rating
Unit
V
CC
Power Supply Voltage
–0.5 to +7.0
V
V
IN
Input Voltage
–0.5 to V
CC
V
I
OUT
ECL Output Current
–Continuous
50
mA
–Surge
100
I
CMLOUT
CML Output Current
30
mA
T
store
Storage Temperature Range
–65 to +150
°C
T
A
Operating Temperature Range
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com