Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC08
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08 Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC08 Datasheet HTML 1Page - NXP Semiconductors DAC08 Datasheet HTML 2Page - NXP Semiconductors DAC08 Datasheet HTML 3Page - NXP Semiconductors DAC08 Datasheet HTML 4Page - NXP Semiconductors DAC08 Datasheet HTML 5Page - NXP Semiconductors DAC08 Datasheet HTML 6Page - NXP Semiconductors DAC08 Datasheet HTML 7Page - NXP Semiconductors DAC08 Datasheet HTML 8Page - NXP Semiconductors DAC08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
720
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
DAC08C
DAC08E
DAC08
DAC08H
DAC08A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
UNIT
tS
Settling time
To
± 1/2LSB, all bits
switched on or off,
TA=25°C
70
135
70
135
70
135
ns
Propagation delay
tPLH
Low-to-High
TA=25°C, each bit.
ns
tPHL
High-to-Low
All bits switched
35
60
35
60
35
60
TEST CIRCUITS
Figure 1. Relative Accuracy Test Circuit
CONTROL
LOGIC
DAC-08
REFERENCE DAC
ACCURACY > 0.006%
NE5534
ERROR
OUTPUT
V–
V+
–
+
16
14
15
5-12
1
2
4
13
3
VREF
RREF
Rf
R15
Figure 2. Transient Response and Settling Time
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
USE RL to GND
FOR TURN OFF
MEASUREMENT
SETTLING TIME
TRANSIENT
RESPONSE
eIN
2.4V
0.4V
1.0V
0
0
-100mV
1.4V
RL = 500Ω
RL = 50Ω
PIN 4 TO GND
tS = 70ns TYPICAL
TO
±1/2 LSB
tPHL = tPLH = 10ns
tPHL
tPLH
CO ≤ 25pF
15pF
51
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
eIN
eO
0.1
µF
0.1
µF
1.0k
1.0k
0.1
µF
RL
+2.0VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com