Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DAC08
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DAC08 Datasheet HTML 3Page - NXP Semiconductors DAC08 Datasheet HTML 4Page - NXP Semiconductors DAC08 Datasheet HTML 5Page - NXP Semiconductors DAC08 Datasheet HTML 6Page - NXP Semiconductors DAC08 Datasheet HTML 7Page - NXP Semiconductors DAC08 Datasheet HTML 8Page - NXP Semiconductors DAC08 Datasheet HTML 9Page - NXP Semiconductors DAC08 Datasheet HTML 10Page - NXP Semiconductors DAC08 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
722
TYPICAL PERFORMANCE CHARACTERISTICS
10
IFS — OUTPUT FULL SCALE CURRENT (mA)
50ns/DIVISIOM
REQ = 200Ω, RL = 100Ω, CC = 0
2.0mA
NOTES:
Curve 1:
CC = 15pF, VIN = 2.0VP-P centered at +1.0V
Curve 1:
CC = 15pF, VIN = 5m0VP-P centered at +200mV
Curve 1:
CC = 15pF, VIN = 100m0VP-P centered at 0V
and applied through 50
Ω connected to Pin 14.
+2.0V applied to R14.
Output Current vs Output Voltage
(Output Voltage Compliance)
Fast Pulsed Reference Operation
True and Complementary Output
Operation
Full-Scale Settling Time
LSB Switching
Full-Scale Current vs
Reference Current
LSB Propagation Delay vs IFS
Reference Input Frequency Response
IREF — REFERENCE CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
TA = Tmin TO Tmax
ALL BITS “HIGH”
LIMIT FOR
V–=–15V
LIMIT FOR
V–=–5V
(00000000)
(11111111)
0mA
1.0mA
IOUT
IOUT
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
OUTPUT VOLTAGE (V)
ALL BITS ON
–14 –10
–6
–2 0 2
6
10
14
18
2.5V
0.5V
–0.5mA
–2.5mA
VIN
IOUT
200ns/division
BIT 8
LOGIC
INPUT
IOUT
8
µA
2.4V
0.4V
0V
0
ALL BITS SWITCHED ON
OUTPUT – 1/2LSB
SETTLING +1/2LSB
0
2.4V
0.4V
50ns/DIVISIOM
IFS=2mA, RL=1kΩ 1/2LSB=4µA
500
400
300
200
100
0
1LSB=78nA
1LSB=7.8
µA
FREQUENCY (MHz)
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
0.1
0.2
0.5
1.0
2.0
5.0
R14=R15=1k
Ω
3
2
1
RL ≤ 500Ω
ALL BITS “ON”
VR15 = 0V
IREF = 0.2mA
IREF = 1mA
IREF = 2mA
V– = –15V
V– = –5V
TA = Tmin TO Tmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com