Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # DAC08
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button DAC08 Datasheet HTML 4Page - NXP Semiconductors DAC08 Datasheet HTML 5Page - NXP Semiconductors DAC08 Datasheet HTML 6Page - NXP Semiconductors DAC08 Datasheet HTML 7Page - NXP Semiconductors DAC08 Datasheet HTML 8Page - NXP Semiconductors DAC08 Datasheet HTML 9Page - NXP Semiconductors DAC08 Datasheet HTML 10Page - NXP Semiconductors DAC08 Datasheet HTML 11Page - NXP Semiconductors DAC08 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
723
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
LOGIC INPUT VOLTAGE (V)
10,000
NOTES:
B1 through B8 have identical transfer characteristics.
Bits are fully switched, with less than 1/2LSB error, at
less than
±100mV from actual threshold. These
switching points are guaranteed to lie between 0.8 and
2.0V over the operating temperature range
(VLC = 0.0V).
Reference AMP Common-Mode Range
All Bits On
Logic Input Current vs Input Voltage
VTH – VLC vs Temperature
Output Voltage Compliance
vs Temperature
Bit Transfer Characteristics
Power Supply Current vs V+
Power Supply Current vs V–
Power Supply Current vs Temperature
Maximum Reference Input Frequency
vs Compensation Capacitor Value
2.0
1.8
1.6
1.4
1.2
1.o
0.8
0.6
0.4
0.2
0
–50
0
50
100
150
TEMPERATURE (
°C)
8
7
6
5
4
3
2
1
0
0
–4.0
–8.0
–12
–16
–20
V– — NEGATIVE POWER SUPPLY (VDC)
I+
BITS MAY BE HIGH OR LOW
I– WITH IREF = 2mA
I– WITH IREF = 1mA
I– WITH IREF = 0.2mA
8
7
6
5
4
3
2
1
0
–50
0
50
100
150
TEMPERATURE (
°C)
BITS MAY BE HIGH OR LOW
IREF = 2.0mA
I+
I–
V+ = +15V
V– = +15V
1,000
100
10
1
10
100
1000
CC (pF)
8.0
6.0
4.0
2.0
0
–12
–8
–4
0
4
8
12
16
LOGIC INPUT VOLTAGE (V)
1.4
20
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
–14 –10
–6
–2 0 2
6
10
14
18
V15 — REFERENCE COMMON MODE VOLTAGE (V)
POSITIVE COMMON-MODE RANGE IS ALWAYS (V+) –1.5V.
IREF = 2mA
TA = TMIN to TMAX
IREF = 1mA
IREF = 0.2mA
V– = –15V
V– = –5V
V+ = +5V
8
7
6
5
4
3
2
1
0
–50
0
50
100
150
V+ – POSITIVE POWER SUPPLY (VDC)
ALL BITS HIGH OR LOW
I+
I–
1.2
1.0
0.8
0.6
0.4
0.2
0
–12
–8
–4
0
4
8
12
16
IREF = 2.0mA
B1
B2
B3
B4
B5
V– = –15V
V– = –5V
Shaded area indicates
permissible output voltage
range for V– = -15V, IREF ≤ 2.0mA
For other V– or IREF
See “Output Current vs Output
Voltage” curve on previous page
TEMPERATURE (
°C)
16
12
8
4
0
–4
–8
–12
–50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com