Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # DAC08
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button DAC08 Datasheet HTML 2Page - NXP Semiconductors DAC08 Datasheet HTML 3Page - NXP Semiconductors DAC08 Datasheet HTML 4Page - NXP Semiconductors DAC08 Datasheet HTML 5Page - NXP Semiconductors DAC08 Datasheet HTML 6Page - NXP Semiconductors DAC08 Datasheet HTML 7Page - NXP Semiconductors DAC08 Datasheet HTML 8Page - NXP Semiconductors DAC08 Datasheet HTML 9Page - NXP Semiconductors DAC08 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
721
TEST CIRCUITS (Continued)
Figure 3. Reference Current Slew Rate Measurement
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VEE
VCC
0.1
µF
OPEN
SCOPE
REQ = 200Ω
RL
RP
1k
RIN
VIN
dI
dt
+
I
R
L
dV
dt
SLEWING TIME
10%
90%
0
2.0mA
2V
0
Figure 4. Notation Definitions
NOTES:
(See text for values of C.)
Typical values of R14 = R15 = 1k
VREF = +2.0V
C = 15pF
VI and II apply to inputs A1 through A8
The resistor tied to Pin 15 is to temperature compensate the bias current and may not be necessary for all applications.
I
O +
K
A
1
2
)
A
2
4
)
A
3
8
)
A
4
16 )
A
5
32 )
A
6
64 )
A
7
128 )
A
8
256
where K
[
V
REF
R
14
and AN = ‘1’ if AN is at High Level
AN = ‘0’ if AN is at Low Level
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
DAC-08
VCC
DIGITAL
INPUTS
OUTPUT
ICC
VO
VREF (+)
IO
RL
C
VEE
IEE
VI
II
(+)
R15
R14
I15
I14
A1
A2
A3
A4
A5
A6
A7
A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com