Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # DAC08
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button DAC08 Datasheet HTML 4Page - NXP Semiconductors DAC08 Datasheet HTML 5Page - NXP Semiconductors DAC08 Datasheet HTML 6Page - NXP Semiconductors DAC08 Datasheet HTML 7Page - NXP Semiconductors DAC08 Datasheet HTML 8Page - NXP Semiconductors DAC08 Datasheet HTML 9Page - NXP Semiconductors DAC08 Datasheet HTML 10Page - NXP Semiconductors DAC08 Datasheet HTML 11Page - NXP Semiconductors DAC08 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
727
UNIPOLAR VOLTAGE OUTPUT FOR HIGH IMPEDANCE OUTPUT
14
2
4
DAC-08
IR = 2mA
VOUT
VOUT
5k
Ω
5k
Ω
V = 10V
14
2
4
DAC-08
IR = 2mA
VOUT
VOUT
a. Positive Output
a. Negative Output
BASIC BIPOLAR OUTPUT OPERATION (OFFSET BINARY)
1
1
1
1
0
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
0
1
0
1
1
0
Positive full-scale
Positive FS – 1LSB
+ Zero-scale + 1LSB
Zero-scale
Zero-scale – 1LSB
Negative full scale – 1LSB
Negative full scale
–9.920V
–9.840V
–0.080V
0.000
0.080
+9.920
+10.000
+10.000
+9.920
+0.160
+0.080
0.000
–9.840
–9.920
B1
B2
B3
B4
B5
B6
B7
B8
VOUT
VOUT
14
2
4
DAC-08
IR = 2mA
VOUT
VOUT
10k
Ω
V = 10V
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com