Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITX-CORE-820 Datasheet(PDF) 44 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 44 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 47Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 48Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
44
4.7
PCI Express
The MITX-CORE-820 has one x16 5G PCI-Express slot which supports graphics cards up to 75
W in power. The position of the PCI-Express slot follows the Mini-ITX Addendum Version 1.1 of
the microATX Motherboard Interface Specification Version 1.2.
The Cougar Point-mbl PCH has one x1 PCI-Express port (port 6) to the WG82579LM and one
x1 PCI-Express port (port 3) to the WG82574L. Port 7 will be used for a PCI-Express Mini Card
connector for WiFi/WiMAX, port 8 is used for DMC card slot.
4.8
LAN on Motherboard
The MITX-CORE-820 provides two GbE ports. One port uses the Intel 6 Series PCH integrated
MAC and the Intel WG82579LM GbE PHY. The Intel WG82579LM is connected to PCH through
the 1x PCI-Express. The other Gbe port uses Intel WG82574L controller (MITX-CORE-820 only).
The design provides two RJ-45 connectors supporting 10/100/1000 Base T. LAN is powered by
suspend well to support AMT and wake-on-LAN while in S5. WG82579LM uses +V3.3 M and
WG82574L uses +V3.3 A.
LAN connector has two integrated LEDs.
A single green LED
—
OFF (no light) - LAN link is not established
—
ON (steady light) - LAN link is established
—
Blinking - indicates LAN link activity
18
DP_TXN1
38
SMB_THRM_CLK
19
DP_TXP1
39
SMB_THRM_DATA
20
GND
40
GND
Table 4-5 eDP Connector (J15) (continued)
Pin#
Signal Name
Pin#
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com