Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITX-CORE-820 Datasheet(PDF) 82 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 82 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 78Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 79Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 80Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 81Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 82Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 83Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 84Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 85Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 86Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
82
5.3.6
Wake Up Requirement
The PS2 kb/mouse supports wake up from sleep state, in both S1/S3, but not S5.
5.3.7
LEDs Control
The MITX-CORE-820 has a green LED and a red LED to indicate the charging or discharging
status
A LED for indicating power on/off is implemented.
Table 5-10 LED Control Status
Battery Status
Green LED Status
Red LED Status
Charging
Inactive
Active
Fully Charged
Active
Inactive
Discharging
Inactive
Inactive
Battery Low
Inactive
Blinking
const LEDs_DESCRIPTOR LEDs_Table[] =
{
{PORT_PIN(3, 2) | LOW, 0x00},
// 0 - Battery LED Green
{PORT_PIN(3, 1) | LOW, 0x00},
// 1 - Battery LED RED
{UNUSED_PIN
| LOW, 0x00},
// 2 - Scroll Lock LED
{UNUSED_PIN
| LOW, 0x00},
// 3 - CAPS Lock LED
{UNUSED_PIN | LOW, 0x00},
// 4 - NUMLock LED
{UNUSED_PIN
| LOW, 0x00},
// 5 - Touchpad Disabled LED
{UNUSED_PIN
| LOW, 0x00},
// 6 - Bluetooth LED
{UNUSED_PIN
| LOW, 0x00},
// 7 - Wireless LED
{UNUSED_PIN | LOW, 0x31},
// 8 - Power LED
{UNUSED_PIN
| LOW, 0x00}
// 9 - 3G LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com