Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITX-CORE-820 Datasheet(PDF) 69 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 69 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 65Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 66Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 67Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 68Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 69Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 70Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 71Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 72Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 73Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
69
5.2.7
EC Command Register
There are seven valid commands for the EC command register (Write IO 66h). Other values are
ignored by the EC if it is being written.
4
Burst Enable
1 - Enables the burst
0 - Disables the burst
3
Flag
1 = Previous access port is command port (EC_CMD/EC_STS)
0 = Previous access port is data port
2Reserved
1
IBF
Input buffer full flag
0
OBF
Output buffer full flag
Table 5-4 EC Status I/O Port Register (continued)
Status Bit
Name
Description
Table 5-5 EC Command Register
Value
Command
Description
80h
EC Read
Read operation for an internal register in EC space
81h
EC Write
Write operation for an internal register in EC space
82h
EC Burst Enable
Enable EC burst operation mode
83h
EC Burst Disable
Disable EC burst operation mode
84h
EC Query
Query the SCI event queue
Others
Firmware Command
No responded from hardware EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com