Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITX-CORE-820 Datasheet(PDF) 84 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 84 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 80Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 81Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 82Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 83Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 84Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 85Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 86Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 87Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 88Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
84
5.4
EC Firmware Flash
5.4.1
Flash with SF100
The MITX-CORE-820 uses the Nuvoton W25Q80 as a flash device. The EC firmware is stored in
the SPI flash part. The SF100 can be used to flash the firmware into the flash part.
5.4.2
Flash with ECDT
Nuvoton provides a USB to the JTAG board. A JTAG header is also reserved for the MITX-CORE-
820 board. The EC debug tool can also be used to download the EC code to be used by the JTAG
to flash the USB to the board.
5.4.3
Flash with Utility
Nuvoton provides the flash update application for Nuvoton embedded controllers. It runs on
either 16-bit DOS or Windows XP/Vista 32-bit/64-bit. It programs the flash of the Nuvoton EC
with the contents of a flash binary image file, which holds EC firmware and/or system BIOS.
5.4.4
Crisis Recovery
The NPCE791x BOOTER Program resides in the on-chip ROM. After reset, it performs all boot
procedures, including NPCE791x initialization based on the header data. Then it checks the EC
firmware in the flash and if it detects a problem, the BOOTER enters recovery mode and allows
debugging via JTAG.
5.5
EC Debug Interface
5.5.1
Serial Port
The Serial Port 1 provides the UART functionality by supporting serial data communication
with a remote peripheral device or a modem. The functional block can function as a standard
16450 or 16550 or as an extended UART. The BIOS can use it to implement the console
redirection function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com