Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITX-CORE-820 Datasheet(PDF) 19 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 19 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 15Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 16Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 17Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 18Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 19Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 20Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 21Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 22Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 23Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Introduction
MITX-CORE-820 Installation and Use (6806800M10D)
19
1.3
Standard Compliances
This product is designed to meet the following standards.
Industrial Standard
ACPI 4.0a
PCI Express Gen2
SMbus Version2.0
Universal Host Controller Interface Revision1.1(UHCI)
Enhanced host Controller Interface specification for Universal
Serial bus Revision1.0(EHCI)
Serial ATA specification revision 3.0
Serial ATA II: extensions to SATA1.0 revision1.0
Serial ATA 6G specification
VESA Specification
SMBIOS 2.3
ACPI Wake-up event:
—
Power Button: S0, S3, S4, S5, Deep Sx
—
KB: S0, S3
—
Mouse: S0, S3
—
PME: S0, S3, S4, S5, Deep Sx
—
USB: S0, S3
—
RTC: S0, S3, S4, S5
Wake on LAN support
DMI support
Table 1-1 MITX-CORE-820 Features Summary (continued)
Function
Features
Table 1-2 Board Standard Compliances
Standard
Description
IEC 60950-1
General requirements of Safety-Part 1 of
Information Technology Equipment.
EN55024 (EU)
Limits and methods of measurements of immunity
characteristics of Information Technology
Equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com