Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012 Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9012
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012 Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9012 Datasheet HTML 12Page - ESS Technology,Inc ES9012 Datasheet HTML 13Page - ESS Technology,Inc ES9012 Datasheet HTML 14Page - ESS Technology,Inc ES9012 Datasheet HTML 15Page - ESS Technology,Inc ES9012 Datasheet HTML 16Page - ESS Technology,Inc ES9012 Datasheet HTML 17Page - ESS Technology,Inc ES9012 Datasheet HTML 18Page - ESS Technology,Inc ES9012 Datasheet HTML 19Page - ESS Technology,Inc ES9012 Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
16
Vista™
High Definition
Vista™
High Definition
1’b0 = Bypass and stop JITTER_REDUCTION.
1’b1 = Use JITTER_REDUCTION.
[1] : BYPASS_DEEMPHASIS FILTER
1’b0 = Use De-emphasize Filter
1’b1 = Bypass De-emphasize Filter
[0] : MUTE DAC’S
1’b0 = Unmute All DAC’s
1’b1 = Mute All DAC’s
Register #11: Mode Control 2
(default = 8’b10000101)
[7] : RESERVED (must be set to 1’b1 for normal operation).
o
Must be set to 1’b1 for normal operation.
[6:5] : RESERVED.
[4:2] : DPLL BANDWIDTH
3’b000 => No Bandwidth
3’b001 => Lowest Bandwidth
3’b010 => Low Bandwidth
3’b011 => Med-Low Bandwidth
3’b100 => Medium Bandwidth
3’b101 => Med-High Bandwidth
3’b110 => High Bandwidth
3’b111 => Highest Bandwidth
[1:0] : DE-EMPHASIS DELECT
2’b00 = 32kHz
2’b01 = 44.1kHz
2’b10 = 48kHz
2’b11 = RESERVED
Register #12: Mode Control 3
(default = 8’b00100000)
[7:0] : RESERVED
o
Must be set to 8’b00100000 for normal operation.
Register #13: DAC Polarity
(default = 8’b00000000)
[7] : POLARITY OF DAC8
1’b0 = In-Phase
1’b1 = Anti-Phase
[6] : POLARITY OF DAC7
1’b0 = In-Phase
1’b1 = Anti-Phase
[5] : POLARITY OF DAC6
1’b0 = In-Phase
1’b1 = Anti-Phase
[4] : POLARITY OF DAC5
1’b0 = In-Phase
1’b1 = Anti-Phase
[3] : POLARITY OF DAC4
1’b0 = In-Phase
1’b1 = Anti-Phase
[2] : POLARITY OF DAC3
1’b0 = In-Phase
1’b1 = Anti-Phase
[1] : POLARITY OF DAC2
1’b0 = In-Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com