Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012 Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9012
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012 Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9012 Datasheet HTML 14Page - ESS Technology,Inc ES9012 Datasheet HTML 15Page - ESS Technology,Inc ES9012 Datasheet HTML 16Page - ESS Technology,Inc ES9012 Datasheet HTML 17Page - ESS Technology,Inc ES9012 Datasheet HTML 18Page - ESS Technology,Inc ES9012 Datasheet HTML 19Page - ESS Technology,Inc ES9012 Datasheet HTML 20Page - ESS Technology,Inc ES9012 Datasheet HTML 21Page - ESS Technology,Inc ES9012 Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
18
Vista™
High Definition
Vista™
High Definition
if 44.1k/48k/32k are detected in the SPDIF channel status bits.
0'b1 => Deemphasis filter is not automatically applied.
[3]
spdif_autodetect
1'b1 => Automatically detect SPDIF input.
1'b0 => Must manually select SPDIF input.
Note: This should only be set if I2S data will not be applied to the pins.
[2]
Fir_length
1'b1 => 2nd stage FIR filter is 28 coefficients in length.
1'b0 => 2nd stage FIR filter is 27 coefficients in length.
[1]
fin_phase_flip
1'b1 => Invert the phase to the DPLL.
1'b0 => Do not invert the phase to the DPLL.
[0]
all_mono
1'b1 => All 8 DAC's are sourced from one source for true mono.
The channel to use as the source is selected by te mono_ch_select register.
1'b0 => Normal 8 channel mode.
Register #18: SPDIF Source
(default = 8’d1)
This registers chooses the SPDIF source. The SABRE
32 Reference has an 8-to-1 multiplexer which
allows up to 8 SPDIF inputs to be connected to the data pins.
8'd1
=> data1
8'd2
=> data2
8'd4
=> data3
8'd8
=> data4
8'd16
=> data5
8'd32
=> data6
8'd64
=> data7
8'd128 => data8
Register #19: DACB Polarity
(default = 8’b00000000)
[7]
dac8B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[6]
dac7B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[5]
dac6B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[4]
dac5B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[3]
dac4B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[2]
dac3B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[1]
dac2B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)
[0]
dac1B polarity
1'b1 => in-phase
1'b0 => anti-phase (normal operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com