Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012 Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9012
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012 Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9012 Datasheet HTML 17Page - ESS Technology,Inc ES9012 Datasheet HTML 18Page - ESS Technology,Inc ES9012 Datasheet HTML 19Page - ESS Technology,Inc ES9012 Datasheet HTML 20Page - ESS Technology,Inc ES9012 Datasheet HTML 21Page - ESS Technology,Inc ES9012 Datasheet HTML 22Page - ESS Technology,Inc ES9012 Datasheet HTML 23Page - ESS Technology,Inc ES9012 Datasheet HTML 24Page - ESS Technology,Inc ES9012 Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
21
Vista™
High Definition
Vista™
High Definition
SPDIF CHANNEL STATUS - Consumer configuration (Base Address = 48)
Address
Offset
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0
Reserved
Reserved
0:2Channel
1:4Channel
Reserved
0:No-Preemph
1:Preemph
0:CopyRight
1:Non-CopyRight
0:Audio
1:Data
0:Consumer
1:Professional
1
Category Code
0x00: General
0x01:Laser-Optical
0x02:D/D Converter
0x03:Magnetic
0x04:Digital Broadcast
0x05:Musical Instrument
0x06:Present A/D Converter
0x08:Solid State Memory
0x16:Future A/D Converter
0x19:DVD
0x40:Experimental
2
Channel Number
0x0:Don't Care
0x1:A (Left)
0x2:B (Right)
0x3:C
0x4:D
0x5:E
0x6:F
0x7:G
0x8:H
0x9:I
0xA:J
0xB:K
0xC:L
0xD:M
0xE:N
0xF:O
Source Number
0x0:Don't Care
0x1:1
0x2:2
0x3:3
0x4:4
0x5:5
0x6:6
0x7:G
0x8:8
0x9:9
0xA:10
0xB:11
0xC:12
0xD:13
0xE:14
0xF:15
3
Reserved
Reserved
Clock Accuracy
0x0:Level 2 +-1000ppm
0x1:Level 1 +-50ppm
0x2:Level 3 variable pitch shifted
Sample Frequency
0x0:44.1k
0x2:48k
0x3:32k
0x4:22.05k
0x6:24k
0x8:88.2k
0xA:96k
0xC:176.4k
0xE:192k
4
Reserved
Reserved
Reserved
Reserved
Word Length:
If Word Field Size=0 |If Word Field Size = 1
000=Not indicated
|000=Not indicated
100 = 23bits
|100 = 19bits
010 = 22bits
|010 = 18bits
110 = 21bits
|110 = 17bits
001 = 20bits
|001 = 16bits
101 = 24bits
|101 = 20bits
Word Field Size
0:Max 20bits
1:Max 24bits
5-23
Reserved
Table 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com