Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012 Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9012
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012 Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9012 Datasheet HTML 4Page - ESS Technology,Inc ES9012 Datasheet HTML 5Page - ESS Technology,Inc ES9012 Datasheet HTML 6Page - ESS Technology,Inc ES9012 Datasheet HTML 7Page - ESS Technology,Inc ES9012 Datasheet HTML 8Page - ESS Technology,Inc ES9012 Datasheet HTML 9Page - ESS Technology,Inc ES9012 Datasheet HTML 10Page - ESS Technology,Inc ES9012 Datasheet HTML 11Page - ESS Technology,Inc ES9012 Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
8
Vista™
High Definition
Vista™
High Definition
Pin
Name
I/O
Description
40
AUTMOMUTE
O
Automute
41
ADDR
I
Chip Address Select
42
AVCC_R
-
Analog Power (+3.3V) for Right channels
43
AGND_R
-
Analog Ground for Right channels
44
DAC4
O
Differential Positive Analog Output 4 (Right Channel)
45
DAC4B
O
Differential Negative Analog Output 4 (Right Channel)
46
N.C.
-
Not connected
47
N.C.
-
Not connected
48
VDD_R
-
Analog Power (+1.2V) for Right channels
49
AVCC_R
-
Analog Power (+3.3V) for Right channels
50
AGND_R
-
Analog Ground for Right channels
51
GND
-
Digital Ground
52
DATA8
I
DSD Data8 OR SPDIF Input8
53
DATA7
I
DSD Data7 OR SPDIF Input7
54
DATA6
I
DSD Data6 OR SPDIF Input6
55
DATA5
I
DSD Data5 OR PCM Data CH7/CH8 OR SPDIF Input5
56
DATA4
I
DSD Data4 OR PCM Data CH5/CH6 OR SPDIF Input4
57
DATA3
I
DSD Data3 OR PCM Data CH3/CH4 OR SPDIF Input3
58
DATA2
I
DSD Data2 OR PCM Data CH1/CH2 OR SPDIF Input2
59
DATA1
I
DSD Data1 OR PCM Frame Clock OR SPDIF Input1
60
DATA_CLK
I
PCM Bit Clock OR DSD Bit Clock
61
VDD
-
Digital Power (+1.2V) for core of chip
62
DVCC_T
-
Digital Power (+3.3V) for top pad ring of chip
63
AGND_L
-
Analog Ground for Left channels
64
AVCC_L
-
Analog Power (+3.3V) for Left channels
Table 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com