Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012 Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9012
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012 Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9012 Datasheet HTML 24Page - ESS Technology,Inc ES9012 Datasheet HTML 25Page - ESS Technology,Inc ES9012 Datasheet HTML 26Page - ESS Technology,Inc ES9012 Datasheet HTML 27Page - ESS Technology,Inc ES9012 Datasheet HTML 28Page - ESS Technology,Inc ES9012 Datasheet HTML 29Page - ESS Technology,Inc ES9012 Datasheet HTML 30Page - ESS Technology,Inc ES9012 Datasheet HTML 31Page - ESS Technology,Inc ES9012 Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
28
Vista™
High Definition
Vista™
High Definition
MCLK Timing
t
MCH
t
MCL
t
MCY
MCLK
t
MCH
t
MCL
t
MCY
MCLK
Parameter
Symbol
Min
Max
Unit
MCLK pulse width high
TMCH
4.5
ns
MCLK pulse width low
TMCL
4.5
ns
MCLK cycle time
TMCY
10
ns
MCLK duty cycle
45:55
55:45
Audio Interface Timing
t
DCH
t
DCL
t
DCY
DATACLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Invalid
t
DCH
t
DCL
t
DCY
DATACLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Invalid
Parameter
Symbol
Min
Max
Unit
DATA_CLK pulse width high
tDCH
4.5
ns
DATA_CLK pulse width low
tDCL
4.5
ns
DATA_CLK cycle time
tDCY
10
ns
DATA_CLK duty cycle
45:55
55:45
DATA set-up time to DATA_CLK rising edge
tDS
2
ns
DATA hold time to DATA_CLK rising edge
tDH
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com