Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9687GN Datasheet(PDF) 3 Page - O2Micro International Limited.

Part # TA9687GN
Description  LCDM Inverter Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

TA9687GN Datasheet(HTML) 3 Page - O2Micro International Limited.

  TA9687GN Datasheet HTML 1Page - O2Micro International Limited. TA9687GN Datasheet HTML 2Page - O2Micro International Limited. TA9687GN Datasheet HTML 3Page - O2Micro International Limited. TA9687GN Datasheet HTML 4Page - O2Micro International Limited. TA9687GN Datasheet HTML 5Page - O2Micro International Limited. TA9687GN Datasheet HTML 6Page - O2Micro International Limited. TA9687GN Datasheet HTML 7Page - O2Micro International Limited. TA9687GN Datasheet HTML 8Page - O2Micro International Limited. TA9687GN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ta9687
CONFIDENTIAL
ta9687-DS-1.0
Page 2
PIN DESCRIPTION
Pin No.
I/O
1
Names
Description
1
I
VSEN
Voltage Sense Feedback
2
I/O
SSTCMP
Capacitor for Soft-Start and Loop Compensation
3
I/O
CT
Timing Resistor and Capacitor for Operation and Striking Frequency
4
I/O
RT1
Timing Resistor for Striking Frequency
5
---
GNDA
Signal Ground
6
O
PDR2
High Side Driver Output 2
7
---
GNDP
Power Ground
8
O
NDR2
Low Side Driver Output 2
9
O
NDR1
Low Side Driver Output 1
10
O
PDR1
High Side Driver Output 1
11
---
VDDA
Input Power Pin
12
I/O
TIMER
Timing Capacitor for Delay Timer
13
I
PWM
External PWM Dimming Input
14
I
ISEN
Current Sense Feedback
15
I
OVPT
Over-Voltage Protection Threshold Voltage
16
I
ENA
IC Enable/Disable
I/O
1: I=input, O=output, I/O=input/output
ABSOLUTE MAXIMUM RATINGS
(2)
Input Voltage VDDA
-0.3V to 7.0V
GNDA, GNDP
+/- 0.3V
All other pins
-0.3V to VDDA +0.3V
ta9687
Operating
Temperature
3
-20
oC to 85oC
Operating Junction Temp.
125
oC
Storage Temperature
3
-55
oC to 150oC
RECOMMENDED OPERATING RANGE
VDDA - Input Voltage
4.5V to 5.5V
Other pins
0V to VDDA
fop - Operating Frequency
20KHz to 150KHz
Thermal Impedance
3,4
θJ-A
θJ-C
16-pin SOP
73
oC/W
8
oC/W
Note
(2)
: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The “Electrical Characteristics” table defines the conditions for actual
device operation. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Note
(3): Not to exceed the maximum junction temperature of the IC, which relates to the operating power of the IC and the
thermal resistance of the IC/package as above
Note
(4): Still air, low effective thermal conductivity board per JESD51-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com