Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9687GN Datasheet(PDF) 9 Page - O2Micro International Limited.

Part # TA9687GN
Description  LCDM Inverter Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

TA9687GN Datasheet(HTML) 9 Page - O2Micro International Limited.

Back Button TA9687GN Datasheet HTML 5Page - O2Micro International Limited. TA9687GN Datasheet HTML 6Page - O2Micro International Limited. TA9687GN Datasheet HTML 7Page - O2Micro International Limited. TA9687GN Datasheet HTML 8Page - O2Micro International Limited. TA9687GN Datasheet HTML 9Page - O2Micro International Limited. TA9687GN Datasheet HTML 10Page - O2Micro International Limited. TA9687GN Datasheet HTML 11Page - O2Micro International Limited. TA9687GN Datasheet HTML 12Page - O2Micro International Limited. TA9687GN Datasheet HTML 13Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Recipient #118203 printed on 4/15/2008. This is a ONE-TIME copy. Updates will not be provided.
ta9687
CONFIDENTIAL
ta9687-DS-1.0
Page 8
REFERENCE APPLICATION CIRCUIT
Figure 2: Typical Application
VIN: 12V ~ 18V
ENA: 0V—1V Disable; 2V—5V Enable
VDDA: 4.75V – 5.25V
PWM: 3.3Vpp, 200Hz, 10% Min Brightness, 100% Max Brightness
R18
100K
PDR2
NDR2
C50
4.7u
R31
1K
CN2
1
2
3
4
6
5
VIN
VIN
GND
GND
ENA
PWM
PDRA
C24
0.1u
C63
22p
NDR1
C22
220p
C65
10p
U1
1
2
3
4
5
6
14
13
12
11
10
9
8
7
15
16
VSEN
SSTCMP
CT
RT1
GNDA
PDR2
ISEN
PWM
TIMER
VDDA
PDR1
NDR1
NDR2
GNDP
OVPT
ENA
VS2
ZD1
5.6v 5%
R63
3M
D19
DIODE
R26
5.1k
C38
470u/35V
C35
33n
AP4502
U6
1
2
3
4
5
6
7
8
C64
2.2n
R30
360
CN24
1
2
C20
10n
VS4
C62
10p
AP4502
U5
1
2
3
4
5
6
7
8
C27
0.047u
R16
270K
C36
0.1u
R20
5.1K
ENA
F1
3A
R72
20K
Q1
2N3904
ENA
R64
4.3K
PWM
VS1
D9
DIODE
R33
1K
R34
100K
C21
47n
VS4
PWM
R67
100K
R32
100K
VDDA
R69
2.2K
C39
10u
R66
4.3K
NDR1
PDR1
Confidential
Copyright 2007 O2 Micro
Inc.
All Rights Reserved
Patent Pending
VS3
R71
100K
VDDA
CN19
1
2
R70
2.2K
VS2
R65
3M
C26
0.047u
R19
5.1K
PDRB
R68
20K
VS3
D6
BAV70/SOT
CN22
1
2
D8
BAV70/SOT
D3
5.6V
NDR2
D17
BAV99/SOT
C25
1u
R17
100K
T22
VS1
PDRA
C66
22p
D4
5.6V
R15
84.5K
R14
1M
C23
1u
PDRB
C67
2.2n
D18
DIODE
C37
1n
CN23
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com