Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9687GN Datasheet(PDF) 2 Page - O2Micro International Limited.

Part # TA9687GN
Description  LCDM Inverter Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

TA9687GN Datasheet(HTML) 2 Page - O2Micro International Limited.

  TA9687GN Datasheet HTML 1Page - O2Micro International Limited. TA9687GN Datasheet HTML 2Page - O2Micro International Limited. TA9687GN Datasheet HTML 3Page - O2Micro International Limited. TA9687GN Datasheet HTML 4Page - O2Micro International Limited. TA9687GN Datasheet HTML 5Page - O2Micro International Limited. TA9687GN Datasheet HTML 6Page - O2Micro International Limited. TA9687GN Datasheet HTML 7Page - O2Micro International Limited. TA9687GN Datasheet HTML 8Page - O2Micro International Limited. TA9687GN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ta9687
4/14/2008
ta9687-DS-1.0 - TPV
Page
1
Copyright
© 2007-2008 by O2Micro
All Rights Reserved
CONFIDENTIAL
Patent # 6,259,615; 6,396,722; 6,804,129; 6,897,698; 7,151,394; 7,026,860; 6,559,606; 6,856,519;
7,120,035; 6,900,993; 6,809,938 and others pending
VSEN
1
SSTCMP
2
CT
3
RT1
4
GNDA
5
PDR2
6
ISEN
14
PWM
13
TIMER
12
VDDA
11
PDR1
10
NDR1
9
NDR2
8
GNDP
7
OVPT
15
ENA
16
LCDM Inverter Controller
FEATURES
•
Constant operating frequency
•
Drives positive/negative-impedance lamps
during ignition
•
High drive current for external MOSFETs
•
User-defined ignition time and shutdown
delay time
•
Built-in intelligence for ignition and normal
operation of CCFLs
•
Built-in open-lamp protection and over-
voltage protection for backlight system
•
Optimized soft-start function
ORDERING INFORMATION
Part Number
Temp Range
Package
ta9687GN
-20
oC to +85oC
Note(3), page 3
16-pin SOP
Lead-Free
GENERAL DESCRIPTION
ta9687 is a high performance, cost-effective
CCFL
(Cold
Cathode
Fluorescent
Lamp)
controller designed for driving large-size Liquid
Crystal Display (LCD) applications requiring 2 to
6 CCFLs.
The controller converts unregulated DC voltages
into a nearly sinusoidal lamp voltage and current
waveforms.
The ta9687 supports full-bridge power conversion
topologies
while
maintaining
high-efficiency
operation. The controller provides a soft-start
operation, current and voltage regulation, over-
voltage and over-current protection, high drive
capability.
The control logic provides a regulated ignition
voltage and appropriate protection features for
over-voltage or over-current conditions.
The ta9687 offers a high level of integration,
while maintaining flexibility and high-efficiency
operation that reduces external component
heating, resulting in higher reliability and longer
CCFL life. The proprietary design technique
provides a simple, low-cost system solution.
PIN DIAGRAM
SIMPLIFIED APPLICATION
CIRCUIT
VSEN
1
SSTCMP
2
CT
3
RT1
4
GNDA
5
PDR2
6
ISEN
14
PWM
13
TIMER
12
VDDA
11
PDR1
10
NDR1
9
NDR2
8
GNDP
7
OVPT
15
ENA
16
C25
1u
T22
VIN
GND
PWM
VDDA
ENA
Q5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com