Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9687GN Datasheet(PDF) 8 Page - O2Micro International Limited.

Part # TA9687GN
Description  LCDM Inverter Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

TA9687GN Datasheet(HTML) 8 Page - O2Micro International Limited.

Back Button TA9687GN Datasheet HTML 4Page - O2Micro International Limited. TA9687GN Datasheet HTML 5Page - O2Micro International Limited. TA9687GN Datasheet HTML 6Page - O2Micro International Limited. TA9687GN Datasheet HTML 7Page - O2Micro International Limited. TA9687GN Datasheet HTML 8Page - O2Micro International Limited. TA9687GN Datasheet HTML 9Page - O2Micro International Limited. TA9687GN Datasheet HTML 10Page - O2Micro International Limited. TA9687GN Datasheet HTML 11Page - O2Micro International Limited. TA9687GN Datasheet HTML 12Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ta9687
CONFIDENTIAL
ta9687-DS-1.0
Page 7
The approximate shutdown delay time is
calculated by the following equation.
]
[
33
.
0
]
[
uF
C
s
T
TIMER
DELAY
×
=
To resume operation, toggle the ENA signal or
restart VDDA.
8. Over-Voltage and Over-Current
Protection
Over-voltage and over-current protection are
monitored by the voltage on VSEN (pin 1).
During normal operation, if a CCFL is damaged
or removed, the voltage at VSEN increases.
Once the voltage at VSEN exceeds the user-
defined, preset voltage set by OVPT (pin 15), the
driver output duty cycle is regulated and the
shutdown delay timer is activated. OVPT sets
the overall protection threshold voltage that is
lower than ~3V (VSEN threshold).
Once the
voltage at TIMR pin reaches ~3V, the IC will shut
down and latch.
OVPT voltage setting is
determined by a resistor divider (R17 and R18)
connected to the OVPT.
The approximate shutdown delay time is
calculated by the following equation.
]
[
33
.
0
]
[
uF
C
s
T
TIMER
DELAY
×
=
To resume operation, toggle the ENA signal or
restart VDDA.
9. Dimming Control
External PWM dimming is implemented by
applying external PWM pulse to PWM (pin 13).
When PWM is higher than 2V, dimming is ON
and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com